Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM82PC12 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM82PC12
Description  8-Bit Input/Output Port
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM82PC12 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MM82PC12 Datasheet HTML 1Page - National Semiconductor (TI) MM82PC12 Datasheet HTML 2Page - National Semiconductor (TI) MM82PC12 Datasheet HTML 3Page - National Semiconductor (TI) MM82PC12 Datasheet HTML 4Page - National Semiconductor (TI) MM82PC12 Datasheet HTML 5Page - National Semiconductor (TI) MM82PC12 Datasheet HTML 6Page - National Semiconductor (TI) MM82PC12 Datasheet HTML 7Page - National Semiconductor (TI) MM82PC12 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Propagation Delays
Figure 1 illustrates the calculations of a more useful propa-
gation delay The figure uses a 5V supply with a tolerance of
g
10% ambient temperature of a25 C and a load capaci-
tance of 100 pF The AC Characteristics table depicts tPD
at 5V 25 C equalling 25 ns Use the graph in
Figure 1 to get
the degradation multiple for 150 pF The number shown is
109 The adjusted propagation delay is therefore 25 c
109 or 27 ns
TLC5596 – 7
Including jig and probe capacitance
Output Test Circuit
for Propagation Delays
TLC5596 – 8
TLC5596 – 9
FIGURE 1 Normalized Typical Propagation Delay vs
Load Capacitance
Pin Descriptions
The following describes the function of all the MM82PC12
inputoutput pins Some of these descriptions reference in-
ternal circuits
INPUT SIGNALS
Device Select (DS1 DS2 When DS1 is low and DS2 is high
the device is selected The output buffers are enabled and
the service request flip-flop is asynchronously reset
(cleared) when the device is selected
Mode (MD)
When MD is high (output mode) the output
buffers are enabled and the source of the data latch clock
input is the device selection logic (DS1  DS2) When MD is
low (input mode) the state of the output buffers is deter-
mined by the device selection logic (DS1  DS2) and the
source of the data latch clock input is the strobe (STB) in-
put
Strobe (STB)
STB is used as the data latch clock input
when the mode (MD) input is low (input mode) STB is also
used to synchronously set the service request flip-flop
which is negative edge triggered
Data In (DI1–DI8) Data In is the 8-bit data input to the data
latch which consists of eight D-type flip-flops incorporating
a level sensitive clock While the data latch clock input is
high the Q output of each flip-flop follows the data input
When the clock input returns low the data latch stores the
data input Clear (CLR) is only effective when the clock is
low (latch in the latched state)
Clear (CLR)
When CLR is low the data latch is reset
(cleared) if the clock is also low The clock input high over-
rides the clear (CLR) input data latch reset CLR being low
also resets the service request flip-flop The service request
flip-flop is in the non-interrupting state when reset
OUTPUT SIGNALS
Interrupt (INT)
The interrupt pin goes low (interrupting
state) when either the service request flip-flop is synchro-
nously set by the strobe (STB) input or the device is select-
ed
Data Out (DO1–DO8) Data Out is the 8-bit data output of
data buffers which are TRI-STATE non-inverting stages
These buffers have a common control line that either en-
ables the buffers to transmit the data from the data latch
outputs or disables the buffers by placing them in the high-
impedance state
Reliability Information
Gate Count 108
Transistor Count 248
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com