Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLO75 Datasheet(PDF) 3 Page - IXYS Corporation

Part # MLO75
Description  AC Controller Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MLO75 Datasheet(HTML) 3 Page - IXYS Corporation

  MLO75 Datasheet HTML 1Page - IXYS Corporation MLO75 Datasheet HTML 2Page - IXYS Corporation MLO75 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2000 IXYS All rights reserved
3 - 3
1
10
100
1000
0
200
400
600
800
1000
0
2040
6080
0
30
60
90
120
150
180
210
240
270
300
330
0
25
50
75
100
125
150
110
1000
10000
0
25
50
75
100
125
0
10
20
30
40
50
60
70
0
2040
6080
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
ms
I
2t
A
2s
°C
I
TAVM
°C
A
0.001
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
ms
t
A
I
TSM
T
A
°C
K/W
A
I
RMS
A
W
V
R = 0V
80 % V
RRM
50 Hz
Circuit W1
1 x MMO 75
1 x MLO 75
Circuit W3
3 x MMO 75
3 x MLO 75
W
Z
thJK
s
t
T
A
I
RMS
T
K
t
P
tot
P
tot
0.3
0.9
1.2
1.5
3
6
R
thKA K/W
0.1
0.3
0.4
0.5
1
2
R
thKA K/W
200
300
180° sin
120°
60°
30°
DC
Fig. 5 Surge overload current
I
TSM, IFSM: Crest value, t: duration
Fig. 7 I2t versus time (1-10 ms)
Fig. 9 Maximum on-state current
versus heatsink temperature
Fig. 4 Load current capability for single phase AC controller
Fig. 6 Load current capability for three phase AC controller: 3xMMO 75/MLO 75
Fig. 8 Transient thermal impedance junction to heatsink
(per thyristor or diode)
Constants for
Z
thJK calculation:
R
thi / (K/W)
t
i / (s)
0.019
0.004
0.034
0.02
0.498
0.16
0.2
0.68
30°
60°
120°
180°
DC
R
thJK for various
conduction
angles d:
R
thJK / (K/W)
d :
0.751
DC
0.792
180°
0.813
120°
0.841
60°
0.86
30°
T
VJ = 125°C
T
VJ = 45°C
T
VJ = 125°C
T
VJ = 45°C
MLO 75
MMO 75



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com