Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5259-2.5YML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5259-2.5YML
Description  300mA High PSRR, Low Noise UCap CMOS LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5259-2.5YML Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC5259-2.5YML Datasheet HTML 1Page - Micrel Semiconductor MIC5259-2.5YML Datasheet HTML 2Page - Micrel Semiconductor MIC5259-2.5YML Datasheet HTML 3Page - Micrel Semiconductor MIC5259-2.5YML Datasheet HTML 4Page - Micrel Semiconductor MIC5259-2.5YML Datasheet HTML 5Page - Micrel Semiconductor MIC5259-2.5YML Datasheet HTML 6Page - Micrel Semiconductor MIC5259-2.5YML Datasheet HTML 7Page - Micrel Semiconductor MIC5259-2.5YML Datasheet HTML 8Page - Micrel Semiconductor MIC5259-2.5YML Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MIC5259
Micrel, Inc.
M9999-051305
6
May 2005
Enable Turn-On
TIME (10µs/div)
C
IN = 1µF Ceramic
C
OUT = 1µF Ceramic
C
BYP = 0.01µF
V
IN = VOUT + 1V
V
OUT = 2.8V
CIN = 1µF Ceramic
COUT = 1µF Ceramic
CBYP = 0.01µF
VIN = VOUT + 1V
VOUT = 2.8V
Enable Turn-Off
TIME (500µs/div)
C
OUT = 1µF Ceramic
C
BYP = 0.01µF
Load = 100µA
V
OUT = 3.0V
Line Transient Response
TIME (500µs/div)
3.3V
5V
Functional Characteristics
100µA
150mA
Load Transient Response
TIME (100µs/div)
C
IN = 1µF Ceramic
C
OUT = 1µF Ceramic
C
BYP = 0.01µF
V
IN = VOUT + 1V
V
OUT = 3.0V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com