Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

252010CDMCCDS Datasheet(PDF) 2 Page - Sumida Corporation

Part # 252010CDMCCDS
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

252010CDMCCDS Datasheet(HTML) 2 Page - Sumida Corporation

  252010CDMCCDS Datasheet HTML 1Page - Sumida Corporation 252010CDMCCDS Datasheet HTML 2Page - Sumida Corporation 252010CDMCCDS Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
Inductance
[Within]
(μH) ※1
Temperature
Rise Current
(A) ※3
Saturation Current
at 20℃(A) ※2
D.C.R. at 20℃
max(typ) (mΩ)
Part Number
5.20
252010CDMCCDS-R33MC
0.33 ± 20%
19.00
(16.00)
6.80
4.80
252010CDMCCDS-R47MC
0.47 ± 20%
25.00
(21.00)
5.70
3.20
252010CDMCCDS-1R0MC
1.00 ± 20%
55.00
(46.00)
3.80
2.10
252010CDMCCDS-2R2MC
2.20 ± 20%
113 (94.00)
2.60
※ 1. Measuring frequency Inductance at 1MHz, 0. 1V.
※ 2. Saturation current: The actual value of D.C current when the inductance decreases to 70% of it’s initial value.
※ 3. Temperature rise current: The actual value of DC current when the coil temperature rise is △T=40°C
(Ta=25°C) Board conditions: FR4, Copper=70μm, four-layer PWB, t=1.6mm.
252010CDMCC/DS
SMD Power Inductor
Solder Reflow Condition
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 2 of 3
Ver. 2018-05-14
WWW.SUMIDA.COM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com