Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCD312-12IO1 Datasheet(PDF) 5 Page - IXYS Corporation

Part # MCD312-12IO1
Description  Thyristor Diode Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCD312-12IO1 Datasheet(HTML) 5 Page - IXYS Corporation

  MCD312-12IO1 Datasheet HTML 1Page - IXYS Corporation MCD312-12IO1 Datasheet HTML 2Page - IXYS Corporation MCD312-12IO1 Datasheet HTML 3Page - IXYS Corporation MCD312-12IO1 Datasheet HTML 4Page - IXYS Corporation MCD312-12IO1 Datasheet HTML 5Page - IXYS Corporation MCD312-12IO1 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MCD312-12io1
0
100 200 300 400 500
0
100
200
300
400
500
600
0
25
50
75
100
125
150
0
1
1
104
105
106
0
25
50
75
100
125
150
0.001
0.01
0.1
1
0
2000
4000
6000
8000
10000
0
200
400
600
800
0
500
1000
1500
2000
2500
3000
0
25
50
75
100 125 150
0
100
200
300
400
500
600
180 ° sin
120 °
60 °
30 °
DC
T
C [°C]
t [s]
I
TSM
[A]
I
T(AV)M
[A]
I
2dt
[A
2s]
t [ms]
I
T(AV)M [A]
P
tot
[W]
T
A [°C]
P
tot
[W]
I
DAVM [A]
T
A [°C]
Fig. 1 Surge overload current
I
TSM:Crest value, t: duration
Fig. 2 I
2dt versus time
Fig. 3 Max. forward current
at case temperature
Fig. 4 Power dissipation versus on-state current and
ambient temperature (per thyristor)
Fig. 6 Three phase rectifier bridge: Power dissipation versus direct
output current and ambient temperature
T
VJ = 45°C
T
VJ = 140°C
V
R = 0 V
180 ° sin
120 °
60 °
30 °
DC
0.6
0.8
0.1
0.2
0.3
0.4
R
thKA K/W
0.06
3xMCC312 or
3xMCD312
Circuit
B6
0.2
0.15
0.1
0.07
0.04
0.02
0.3
R
thKA K/W
6
5
4
3
1
limit
typ.
V
G
[V]
10-3
10-2
10-1
100
101
102
0.1
1
10
0.01
0.1
1
10
1
10
100
2
4: P
GM = 20 W
5: P
GM = 60 W
6: P
GM = 120 W
I
G [A]
t
gd
[µs]
I
G [A]
Fig. 5 Gate voltage & gate current
Fig. 7 Gate controlled delay time t
gd
T
VJ = 25°C
80 % V
RRM
TVJ = 45°C
50 Hz
T
VJ = 140°C
I
GD
, TVJ = 140°C
3: I
GT, TVJ = -40°C
2: I
GT, TVJ =
25°C
1: I
GT
, TVJ = 140°C
Thyristor
IXYS reserves the right to change limits, conditions and dimensions.
20170116e
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2017 IXYS all rights reserved



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com