Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-C87AT Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # ACPL-C87AT
Description  Automotive High Precision DC Voltage Isolation Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-C87AT Datasheet(HTML) 4 Page - Broadcom Corporation.

  ACPL-C87AT Datasheet HTML 1Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 2Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 3Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 4Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 5Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 6Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 7Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 8Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Broadcom
AV02-3564EN
4
ACPL-C87AT/ACPL-C87BT Data Sheet
Automotive High Precision DC Voltage Isolation Sensor
Package Outline Drawing (Stretched SO8)
Figure 5: Package Outline Drawing
Recommended Pb-Free IR Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision).
NOTE: Use non-halide flux.
Regulatory Information
The ACPL-C87AT and ACPL-C87BT are approved by the following organizations.
UL
CSA
IEC/EN/DIN EN 60747-5-5
UL 1577, component recognition program up
to VISO = 5kVRMS
Approved under CSA Component
Acceptance Notice #5.
IEC 60747-5-5
EN 60747-5-5
DIN EN 60747-5-5
5.850 ± 0.254
(0.230 ± 0.010)
5
6
7
8
4
3
2
1
Dimensions in millimeters and (inches).
Note:
Lead coplanarity = 0.1 mm (0.004 inches).
Floating lead protrusion = 0.25mm (10mils) max.
6.807 ± 0.127
(0.268 ± 0.005)
RECOMMENDED LAND PATTERN
12.650
(0.498)
1.905
(0.075)
3.180 ± 0.127
(0.125 ± 0.005)
0.381 ± 0.127
(0.015 ± 0.005)
1.270
(0.050) BSG
7°
0.254 ± 0.100
(0.010 ± 0.004)
0.750 ± 0.250
(0.0295 ± 0.010)
11.50 ± 0.250
(0.453 ± 0.010)
1.590 ± 0.127
(0.063 ± 0.005)
0.450
(0.018)
45°
RoHS-COMPLIANCE
INDICATOR
0.64
(0.025)
0.200 ± 0.100
(0.008 ± 0.004)
PART NUMBER
DATE CODE
C87BT
YWW
EE
EXTENDED DATECODE
FOR LOT TRACKING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com