Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4358ES Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4358ES
Description  25 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4358ES Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4358ES Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4358ES Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4358ES Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4358ES Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4358ES Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4358ES Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Storage Temperature Range
Lead Temperature Range(10 Seconds)
Case Operating Temperature
MSK4358
MSK4358H/E
Junction Temperature
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
+150°C
OUTPUT CHARACTERISTICS
VC-E On Voltage (Each IGBT)
Instantaneous Forward Voltage
(FRED Flyback Diode)
Reverse Recovery Time
1
Leakage Current
BIAS SUPPLY CHARACTERISTICS
Quiescent Bias Current
INPUT SIGNALS CHARACTERISTICS
Positive Trigger Threshold Voltage
Negative Trigger Threshold Voltage
SWITCHING CHARACTERISTICS
1
Upper Drive:
Turn-On Propagation Delay
Turn-Off Propagation Delay
Turn-On
Turn-Off
Lower Drive:
Turn-On Propagation Delay
Turn-Off Propagation Delay
Turn-On
Turn-Off
Subgroup 1,4
2,5
3,6
TA=TC=+25°C
TA=TC=+125°C
TA=TC=-55°C
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1,2,3, and 4.
Subgroups 5 and 6 testing available upon request.
All Ratings: Tc = +25°C Unless Otherwise Specified
High Voltage Supply
Logic Supply
Continuous Output Current
Peak Output Current
Thermal Resistance
(Output Switches) (Junction to Case)
V+
VCC
IOUT
IPK
θJC
TST
TLD
TC
TJ
Parameters
Min.
-
-
-
-
-
-
-
-
-
-
-
-
-
2.2
-
-
-
-
-
-
-
-
-
Typ.
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Min.
-
-
-
-
-
-
-
-
-
-
-
-
-
2.2
-
-
-
-
-
-
-
-
-
Typ.
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Max.
2.2
-
-
1.7
-
-
180
400
-
-
TBD
-
-
-
0.8
TBD
TBD
45
350
TBD
TBD
45
350
MSK 4358 2
Max.
2.0
1.7
TBD
1.7
1.3
2.5
180
400
1.5
400
TBD
TBD
TBD
-
0.8
TBD
TBD
45
350
TBD
TBD
45
350
UNITS
V
V
V
V
V
V
nS
uA
mA
uA
mA
mA
mA
V
V
nS
nS
nS
nS
nS
nS
nS
nS
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATING
1
2
3
1
2
3
-
1
2
3
1
2
3
1,2,3
1,2,3
4
4
4
4
4
4
4
4
Group A
Subgroup
5
500V
18V
25A
60A
0.66°C/W
MSK 4358H/E 3
1
2
3
4
5
IC=25A
ID=25A
ID=25A,di/dt=100A/uS,Vr=350V
V+=500V
V+=400V
V+=500V
VCC=15V
Test Conditions
V+=270V, IC=25A
V+=270V, IC=25A
PRELIMINARY Rev. B 11/01
2
NOTES:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com