Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF34892 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FPF34892
Description  SIDO Over-Voltage Protection Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF34892 Datasheet(HTML) 2 Page - ON Semiconductor

  FPF34892 Datasheet HTML 1Page - ON Semiconductor FPF34892 Datasheet HTML 2Page - ON Semiconductor FPF34892 Datasheet HTML 3Page - ON Semiconductor FPF34892 Datasheet HTML 4Page - ON Semiconductor FPF34892 Datasheet HTML 5Page - ON Semiconductor FPF34892 Datasheet HTML 6Page - ON Semiconductor FPF34892 Datasheet HTML 7Page - ON Semiconductor FPF34892 Datasheet HTML 8Page - ON Semiconductor FPF34892 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
April 2016
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF34891 / FPF34892 • 1.1
FPF34891 / FPF34892
SIDO Over-Voltage Protection Load Switch
Features
Single Input Dual Output (SIDO) Switch
-
VBUS to VOUT Path
-
VBUS to BAT Path
Surge Protection under IEC 61000-4-5
-
VBUS: ±100 V
Input Voltage Range
-
VBUS: 2.7 V ~ 13.5 V
Max. Continuous Current Capability
-
VOUT Path: 3.5 A
-
BAT Path: 6 A
Ultra Low On-Resistance
-
VOUT Path: Typ. 28 m
Ω
-
BAT Path: Typ. 33 m
Ω
Selectable OVLO for V
OUT Path
Programmable OVLO for V
BAT
Over-Voltage Protection (OVP)
-
VOUT Path: 13.9 V ± 400 mV (FPF34891)
-
VOUT Path: 10.4 V ± 300 mV (FPF34892)
-
VOUT Path: 5.8 V ± 200 mV (OVSEL = GND)
-
BAT Path: 5.8 V ± 200 mV
Active LOW Control for V
BUS to VOUT Path
Active HIGH Control for V
BUS to BAT Path
CMOS Output PowerGOOD for VBUS to BAT Path
RCB for VBUS to BAT Path
Over-Temperature Protection (OTP)
Description
The FPF3489x features a Single Input Dual Output
(SIDO) power switch, which offers surge protection and
Over-Voltage Protection (OVP), to protect downstream
components and enhancing overall system robustness.
Channel one (VBUS to VOUT) is an active-low, 28 V/3.5 A
rated, power MOSFET switch with an internal clamp
supporting ±100 V surge protection, fixed OVP at 5.8V
when OVSEL is tied to GND or 13.9V (FPF34891) /
10.4V (FPF34892) when OVSEL is floating.
Channel two (VBUS to BAT) is an active-high, 5 V/6 A
rated, power MOSFET, fixed OVP at VBUS is 5.8 V
(±200 mV) and Reverse Current Blocking (RCB) during
its OFF State. OVLO at BAT can be programmed by
external resistors. The Over-Voltage status will be
latched and FLAG will signal the fault by pulling low. To
re-start this channel from OVLO, EN2 need to be
toggled from LOW to HIGH.
The FPF3489x is available in a 28-bump, 1.67 mm x
2.96 mm Wafer-Level Chip-Scale Package (WL-CSP)
with 0.4 mm pitch.
Applications
Mobile Handsets and Tablets
Wearable Devices
Ordering Information
Part Number
Operating Temperature
Range
Top Mark
Package
Packing
Method
FPF34891UCX
-40°C to +85°C
VF
28-Ball, 0.4 mm Pitch WLCSP
Tape & Reel
FPF34892UCX
VG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com