Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4665 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4665
Description  Filterless High Efficiency 1W Switching Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4665 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4665 Datasheet HTML 1Page - National Semiconductor (TI) LM4665 Datasheet HTML 2Page - National Semiconductor (TI) LM4665 Datasheet HTML 3Page - National Semiconductor (TI) LM4665 Datasheet HTML 4Page - National Semiconductor (TI) LM4665 Datasheet HTML 5Page - National Semiconductor (TI) LM4665 Datasheet HTML 6Page - National Semiconductor (TI) LM4665 Datasheet HTML 7Page - National Semiconductor (TI) LM4665 Datasheet HTML 8Page - National Semiconductor (TI) LM4665 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical Characteristics V
DD =3V
(Notes 1, 2)
The following specifications apply for V
DD = 3V, and RL =8
Ω + 33µH, measurement bandwidth is <10Hz - 22kHz unless oth-
erwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4665
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
I
DD
Quiescent Power Supply Current
V
IN = 0V, No Load
V
IN = 0V, 8
Ω + 22µH Load
3.0
3.5
7.0
mA (max)
mA
I
SD
Shutdown Current
V
SD =VSD Mode (Note 9)
0.01
5.0
µA (max)
V
SDIH
Shutdown Voltage Input High
V
SD Mode =VDD
1.0
1.4
V (min)
V
SDIL
Shutdown Voltage Input Low
V
SD Mode =VDD
0.8
0.4
V (max)
V
SDIH
Shutdown Voltage Input High
V
SD Mode = GND
1.0
1.4
V (min)
V
SDIL
Shutdown Voltage Input Low
V
SD Mode = GND
0.8
0.4
V (max)
V
GSIH
Gain Select Input High
1.0
1.4
V (min)
V
GSIL
Gain Select Input Low
0.8
0.4
V (max)
A
V
Closed Loop Gain
V
Gain Select =VDD
6
5.5
6.5
dB (min)
dB (max)
A
V
Closed Loop Gain
V
Gain Select = GND
12
11.5
12.5
dB (min)
dB (max)
V
OS
Output Offset Voltage
10
mV
T
WU
Wake-up Time
5
ms
P
o
Output Power
THD+N = 2% (max), f
IN = 1kHz
400
350
mW (min)
THD+N
Total Harmonic Distortion+Noise
P
O = 100mWRMS,fIN = 1kHz
0.4
% (max)
R
IN
Differential Input Resistance
V
Gain Select =VDD, Gain = 6dB
100
k
Ω
V
Gain Select = GND, Gain = 12dB
65
k
Ω
PSRR
Power Supply Rejection Ratio
V
Ripple = 100mVRMS,
f
Ripple = 217Hz, AV = 6dB,
Inputs Terminated
52
dB
CMRR
Common Mode Rejection Ratio
V
Ripple = 100mVRMS,
f
Ripple = 217Hz, AV = 6dB
39
dB
e
N
Output Noise Voltage
A-Weighted filter, V
IN = 0V
350
µV
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4665, TJMAX = 150˚C.
See the Efficiency and Power Dissipation versus Output Power curves for more information.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Machine Model, 220 pF–240 pF discharged through all pins.
Note 6: Typical specifications are specified at 25˚C and represent the parametric norm.
Note 7: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 9: Shutdown current is measured in a normal room environment. Exposure to direct sunlight will increase ISD by a maximum of 2µA. The Shutdown Mode pin
should be connected to VDD or GND and the Shutdown pin should be driven as close as possible to VDD or GND for minimum shutdown current and the best THD
performance in PLAY mode. See the Application Information section under SHUTDOWN FUNCTION for more information.
Note 10: The exposed-DAP of the LDA10B package should be electrically connected to GND.
Note 11: The LM4665 in the micro SMD package (ITL) has an operating range of 2.7V - 3.8V for 8
Ω speaker loads. The supply range may be increased as speaker
impedance is increased. It is not recommended that 4
Ω loads be used with the micro SMD package. To increase the supply voltage operating range, see Figure 2
and INCREASING SUPPLY VOLTAGE RANGE in the Application Information section for more information.
External Components Description
(Figure 1)
Components
Functional Description
1.
C
S
Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply Bypassing
section for information concerning proper placement and selection of the supply bypass capacitor.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com