Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4665MM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4665MM
Description  Filterless High Efficiency 1W Switching Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4665MM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4665MM Datasheet HTML 1Page - National Semiconductor (TI) LM4665MM Datasheet HTML 2Page - National Semiconductor (TI) LM4665MM Datasheet HTML 3Page - National Semiconductor (TI) LM4665MM Datasheet HTML 4Page - National Semiconductor (TI) LM4665MM Datasheet HTML 5Page - National Semiconductor (TI) LM4665MM Datasheet HTML 6Page - National Semiconductor (TI) LM4665MM Datasheet HTML 7Page - National Semiconductor (TI) LM4665MM Datasheet HTML 8Page - National Semiconductor (TI) LM4665MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM4665
Filterless High Efficiency 1W Switching Audio Amplifier
General Description
The LM4665 is a fully integrated single-supply high efficiency
switching audio amplifier. It features an innovative modulator
that eliminates the LC output filter used with typical switching
amplifiers. Eliminating the output filter reduces parts count,
simplifies circuit design, and reduces board area. The
LM4665 processes analog inputs with a delta-sigma modu-
lation technique that lowers output noise and THD when
compared to conventional pulse width modulators.
The LM4665 is designed to meet the demands of mobile
phones and other portable communication devices. Operat-
ing on a single 3V supply, it is capable of driving 8
Ω trans-
ducer loads at a continuous average output of 400mW with
less than 2%THD+N.
The LM4665 has high efficiency with an 8
Ω transducer load
compared to a typical Class AB amplifier. With a 3V supply,
the IC’s efficiency for a 100mW power level is 75%, reaching
80% at 400mW output power.
The LM4665 features a low-power consumption shutdown
mode. Shutdown may be enabled by either a logic high or
low depending on the mode selection. Connecting the Shut-
down Mode pin to either V
DD (high) or GND (low) enables
the Shutdown pin to be driven in a likewise manner to
activate shutdown.
The LM4665 has fixed selectable gain of either 6dB or 12dB.
The LM4665 has short circuit protection against a short from
the outputs to V
DD, GND or across the outputs.
Key Specifications
j Efficiency at 100mW into 8
Ω transducer
75%(typ)
j Efficiency at 400mW into 8
Ω transducer
80%(typ)
j Total quiescent power supply current (3V)
3mA(typ)
j Total shutdown power supply current (3V) 0.01µA(typ)
j Single supply range (MSOP & LD)
2.7V to 5.5V
j Single supply range (ITL) (Note 11)
2.7V to 3.8V
Features
n
No output filter required for inductive transducers
n
Selectable gain of 6dB (2V/V) or 12dB (4V/V)
n
Very fast turn on time: 5ms (typ)
n
User selectable shutdown High or Low logic level
n
Minimum external components
n
"Click and pop" suppression circuitry
n
Micro-power shutdown mode
n
Short circuit protection
n
micro SMD, LLP, and MSOP packages (no heat sink
required)
Applications
n
Mobile phones
n
PDAs
n
Portable electronic devices
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20027001
FIGURE 1. Typical Audio Amplifier Application Circuit
December 2002
© 2002 National Semiconductor Corporation
DS200270
www.national.com


Similar Part No. - LM4665MM

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
LM4665MM ROCHESTER-LM4665MM Datasheet
609Kb / 1P
NATIONAL?셎 AUDIO AMPLIFIER now featuring RoHS compliancy Audio Amplifier
LM4665MMX ROCHESTER-LM4665MMX Datasheet
609Kb / 1P
NATIONAL?셎 AUDIO AMPLIFIER now featuring RoHS compliancy Audio Amplifier
More results

Similar Description - LM4665MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4667 NSC-LM4667 Datasheet
757Kb / 16P
Filterless High Efficiency 1.3W Switching Audio Amplifier
LM4666 NSC-LM4666 Datasheet
642Kb / 15P
Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
Filterless High Efficiency 3W Switching Audio Amplifier
LM4664 NSC-LM4664 Datasheet
550Kb / 14P
Filterless High Efficiency 1.1W Switching Audio Amplifier
LM4671 NSC-LM4671 Datasheet
969Kb / 18P
Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4670 NSC-LM4670_06 Datasheet
1Mb / 20P
Filterless High Efficiency 3W Switching Audio Amplifier
LM4671 NSC-LM4671_08 Datasheet
588Kb / 18P
Filterless High Efficiency 2.5W Switching Audio Amplifier
logo
Texas Instruments
LM4665 TI1-LM4665 Datasheet
1Mb / 28P
LM4665 Filterless High Efficiency 1W Switching Audio Amplifier
LM4667 TI1-LM4667 Datasheet
1Mb / 24P
LM4667 Filterless High Efficiency 1.3W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com