Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFMB50W6 Datasheet(PDF) 3 Page - Kyocera Kinseki Corpotation

Part # PCFMB50W6
Description  IGBT Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PCFMB50W6 Datasheet(HTML) 3 Page - Kyocera Kinseki Corpotation

  PCFMB50W6 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PCFMB50W6 Datasheet HTML 2Page - Kyocera Kinseki Corpotation PCFMB50W6 Datasheet HTML 3Page - Kyocera Kinseki Corpotation PCFMB50W6 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
1
23
45
0
10
20
30
40
50
60
70
80
90
100
Collector to Emitter Voltage VCE (V)
Fig.1
- Output Characteristics (Typical)
Tj=25°C
11V
10V
VGE=20V
9V
8V
12V
13V
15V
01
23
4
0
10
20
30
40
50
60
70
80
90
100
Collector to Emitter Voltage VCE (V)
Fig.2- Saturation Voltage Characteristics (Typical)
Tj=25°C
Tj=125°C
VGE=15V
Tj=150°C
46
8
10
12
0
10
20
30
40
50
60
70
80
90
100
Gate to Emitter Voltage VGE (V)
Fig.3
- Transfer Characteristics (Typical)
Tj=25°C
Tj=125°C
VCE=20V
Tj=150°C
Fig.4
- Gate Charge vs. Collector to Emitter Voltage (Typical)
10
30
100
300
30
100
300
1000
3000
10000
Series Gate Impedance RG (
)
Fig.6
- Series Gate Impedance vs. Switching Time (Typical)
VCC=300V
IC=50A
VGE=±15V
Tj=125°C
Tj=150°C
Inductive Load
tf
tr(I
C)
tdON
tdOFF
0
10
20
304050
3
10
30
100
300
1000
3000
10000
Collector Current IC (A)
Fig.5
- Collector Current vs. Switching Time (Typical)
tdOFF
tf
tr(Ic)
tdON
VCC=300V
RG=20
VGE=±15V
Tj=125°C
Tj=150°C
Inductive Load



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com