Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFMB300W12 Datasheet(PDF) 4 Page - Kyocera Kinseki Corpotation

Part # PCFMB300W12
Description  IGBT Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PCFMB300W12 Datasheet(HTML) 4 Page - Kyocera Kinseki Corpotation

  PCFMB300W12 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PCFMB300W12 Datasheet HTML 2Page - Kyocera Kinseki Corpotation PCFMB300W12 Datasheet HTML 3Page - Kyocera Kinseki Corpotation PCFMB300W12 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Module
0
50
100
150
200
250
300
0
20
40
60
80
Collector Current IC (A)
Fig.7- Collector Current vs. Switching Loss
EOFF
EON
VCC=600V
RG=2.4
VGE=±15V
Tj=125°C
Tj=150°C
Inductive Load
ERR
1
3
10
30
0.3
1
3
10
30
100
300
1000
Series Gate Impedance RG (
)
Fig.8- Series Gate Impedance vs. Switching Loss
EOFF
EON
VCC=600V
IC=300A
VGE=±15V
Tj=125°C
Tj=150°C
Inductive Load
ERR
0
1
2
3
4
0
150
300
450
600
Forward Voltage VF (V)
Fig.9- Forward Characteristics of FWD (Typical)
Tj=25°C
Tj=125°C
Tj=150°C
0
50
100
150
200
250
300
10
30
100
300
1000
Forward Current IF (A)
Fig.10- FWD Reverse Recovery Characteristics (Typical)
IRrM
trr
VCC=600V, VGE=±15V, RG=2.4
Tj=125°C
Tj=150°C
0
200
400
600
800
1000
1200
1400
1600
0.1
0.3
1
3
10
30
100
300
1000
3000
Collector to Emitter Voltage VCE (V)
Reverse Voltage VR (V)
Fig.11- Reverse Bias Safe Operating Area
RG=2.4
, VGE=±15V, Tj<150°C (Chip level)
10
-5
10
-4
10
-3
10
-2
10
-1
1
10
1
1x10
-3
3x10
-3
1x10
-2
3x10
-2
1x10
-1
3x10
-1
1
Time t (s)
Fig.12- Transient Thermal Impedance
TC=25°C
1 Shot Pulse
FWD
IGBT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com