Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4665LD Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4665LD
Description  Filterless High Efficiency 1W Switching Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4665LD Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4665LD Datasheet HTML 1Page - National Semiconductor (TI) LM4665LD Datasheet HTML 2Page - National Semiconductor (TI) LM4665LD Datasheet HTML 3Page - National Semiconductor (TI) LM4665LD Datasheet HTML 4Page - National Semiconductor (TI) LM4665LD Datasheet HTML 5Page - National Semiconductor (TI) LM4665LD Datasheet HTML 6Page - National Semiconductor (TI) LM4665LD Datasheet HTML 7Page - National Semiconductor (TI) LM4665LD Datasheet HTML 8Page - National Semiconductor (TI) LM4665LD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Typical Performance Characteristics
THD+N vs Frequency
V
DD = 5V, RL =8
Ω + 33µH
P
OUT = 400mW, 30kHz BW
THD+N vs Frequency
V
DD = 3V, RL =8
Ω + 33µH
P
OUT = 100mW, 30kHz BW
200270E0
200270D9
THD+N vs Frequency
V
DD = 3.3V, RL =4
Ω + 33µH
P
OUT = 300mW, 30kHz BW
THD+N vs Power Out
V
DD = 5V, RL =8
Ω + 33µH
f = 1kHz, 22kHz BW
200270D8
200270D5
THD+N vs Power Out
V
DD = 3V, RL =8
Ω + 33µH
f = 1kHz, 22kHz BW
THD+N vs Power Out
V
DD = 3.3V, RL =4
Ω + 33µH
f = 1kHz, 22kHz BW
200270E2
200270E1
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com