Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8436JCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8436JCPZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8436JCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8436JCPZ-R7 Datasheet HTML 8Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 9Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 10Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 11Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 12Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 13Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 14Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 15Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AD8436
Data Sheet
Rev. E | Page 12 of 21
APPLICATIONS INFORMATION
USING THE AD8436
This section describes the power supply and feature options,
as well as the function and selection of averaging and filter
capacitor values. Averaging and filtering options are shown
graphically and apply to all circuit configurations.
Averaging Capacitor Considerations—RMS Accuracy
Typical AD8436 applications require only a single external
capacitor (CAVG) connected to the CAVG pin (see Figure 31).
The function of the averaging capacitor is to compute the mean
(that is, average value) of the sum of the squares. Averaging
(that is, integration) follows the rms core, where the input
current is squared. The mean value is the average value of the
squared input voltage over several input waveform periods. The
rms error is directly affected by the number of periods averaged, as
is the resultant peak-to-peak ripple.
The result of the conversion process is a dc component and a
ripple component whose frequency is twice that of the input. The
rms conversion accuracy depends on the value of CAVG, so the
value selected need only be large enough to average enough periods
at the lowest frequency of interest to yield the required rms
accuracy.
Figure 28 is a plot of rms error vs. frequency for various averaging
capacitor values. To use Figure 28, simply locate the frequency
of interest and acceptable rms error on the horizontal and vertical
scales, respectively. Then choose or estimate the next highest
capacitor value adjacent to where the frequency and error lines
intersect (for an example, see the orange circle in Figure 28).
Post Conversion Ripple Reduction Filter
Input rectification included in the AD8436 introduces a residual
ripple component that is dependent on the value of CAVG and
twice the input signal frequency for symmetrical input waveforms.
For sampling applications such as a high resolution ADC, the ripple
component may cause one or more LSBs to cycle, and low value
display numerals to flash.
Ripple is reduced by increasing the value of the averaging
capacitor, or by postconversion filtering. Ripple reduction
following conversion is far more efficient because the ripple
average value has converted to its rms value. Capacitor values for
post-conversion filtering are significantly less than the equivalent
averaging capacitor value for the same level of ripple reduction.
This approach requires only a single capacitor connected to the
OUT pin (see Figure 26). The capacitor value correlates to the
simple frequency relation of ½ π R-C, where R is fixed at 16 kΩ.
OUT
16kΩ
OGND
CORE
CLPF
DC OUTPUT
9
8
Figure 26. Simple One-Pole Post Conversion Filter
As seen in Figure 27, CAVG alone determines the rms error, and
CLPF serves purely to reduce ripple. Figure 27 shows a constant
rms error for CLPF values of 0.33 μF and 3.3 μF; only the ripple
is affected.
FREQUENCY (Hz)
1
0
100
1k
–1
–2
10
–3
–4
–5
–6
–7
–8
–9
–10
CAVG = 10µF
CLPF = 0.33µF OR 3.3µF
CAVG = 1µF
CLPF = 0.33µF OR 3.3µF
Figure 27. RMS Error vs. Frequency for Two Values of CAVG and CLPF
(Note that only CAVG value affects rms error; CLPF has no effect.)
FREQUENCY (Hz)
–0.5
–1.5
0
–1.0
–2.0
1k
100
10
2
SEE
TEXT
CAVG = 0.22µF
50µ
F
Figure 28. Conversion Error vs. Frequency for Various Values of CAVG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com