Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP350 Datasheet(PDF) 7 Page - Analog Devices

Part # ADCMP350
Description  Comparators and Reference Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP350 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCMP350_18 Datasheet HTML 2Page - Analog Devices ADCMP350_18 Datasheet HTML 3Page - Analog Devices ADCMP350_18 Datasheet HTML 4Page - Analog Devices ADCMP350_18 Datasheet HTML 5Page - Analog Devices ADCMP350_18 Datasheet HTML 6Page - Analog Devices ADCMP350_18 Datasheet HTML 7Page - Analog Devices ADCMP350_18 Datasheet HTML 8Page - Analog Devices ADCMP350_18 Datasheet HTML 9Page - Analog Devices ADCMP350_18 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet
ADCMP350/ADCMP354/ADCMP356
Rev. E | Page 7 of 10
110
120
140
150
160
170
180
190
200
130
2.25 2.55 2.85 3.15 3.45
5.55
VCC (V)
3.75 4.05 4.35 4.65 4.95 5.25
TA = +125°C
TA = +85°C
TA = –40°C
TA = +25°C
100
Figure 10. Input (IN) Leakage vs. VCC (VIN = 22 V)
520
540
580
600
620
640
660
680
700
560
2.25 2.55 2.85 3.15 3.45
5.55
VCC (V)
3.75 4.05 4.35 4.65 4.95 5.25
500
VTRIP RISING
VTRIP FALLING
Figure 11. VTRIP vs. VCC
2
4
8
10
12
14
16
18
20
6
2.25 2.55 2.85 3.15 3.45
5.55
VCC (V)
3.75 4.05 4.35 4.65 4.95 5.25
0
HYSTERESIS
Figure 12. VIN Trip Hysteresis vs. VCC
0.1
1
10
100
1000
10000
0.01
0.1
10
OUTPUT SINK CURRENT (mA)
1
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 13. Output Voltage vs. Output Sink Current
20
40
80
100
120
60
2.25 2.40 2.70 3.00 3.30
5.50
SUPPLY VOLTAGE (V)
3.60 3.90 4.20 4.50 4.80 5.20
0
Figure 14. Output Low Voltage vs. Supply Voltage (ISINK = 500 µA)
20
40
80
100
120
140
160
180
200
60
2.25 2.40 2.70 3.00 3.30
5.50
SUPPLY VOLTAGE (V)
3.60 3.90 4.20 4.50 4.80 5.20
0
RISE TIME
FALL TIME
Figure 15. Fall Time vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com