Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP391 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCMP391
Description  Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP391 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCMP391 Datasheet HTML 4Page - Analog Devices ADCMP391 Datasheet HTML 5Page - Analog Devices ADCMP391 Datasheet HTML 6Page - Analog Devices ADCMP391 Datasheet HTML 7Page - Analog Devices ADCMP391 Datasheet HTML 8Page - Analog Devices ADCMP391 Datasheet HTML 9Page - Analog Devices ADCMP391 Datasheet HTML 10Page - Analog Devices ADCMP391 Datasheet HTML 11Page - Analog Devices ADCMP391 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ADCMP391/ADCMP392/ADCMP393
Data Sheet
Rev. D | Page 8 of 17
5
10
15
20
25
30
35
40
45
50
–50
0
50
100
TEMPERATURE (°C)
ADCMP391
ADCMP392
ADCMP393
Figure 14. Supply Current vs. Temperature at Output High Voltage
for Various Supply Voltages (VCC)
–50
125
100
75
50
25
0
–25
3.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
TEMPERATURE (°C)
VCC = 2.3V
VCC = 3.3V
VCC = 5.5V
Figure 15. Input Hysteresis vs. Temperature for
Various Supply Voltages (VCC), VCM = 1 V
8
7
6
5
4
3
2
–50
125
100
75
50
25
0
–25
TEMPERATURE (°C)
VCC = 2.3V
VCC = 3.3V
VCC = 5.5V
RPULLUP = 10kΩ
VOD = 10mV
CL = 50pF
VCM = 1V
Figure 16. Propagation Delay vs. Temperature, Low to High, VOD = 10 mV
5
10
15
20
25
30
35
40
45
50
–50
0
50
100
TEMPERATURE (°C)
ADCMP391
ADCMP392
ADCMP393
Figure 17. Supply Current vs. Temperature at Output Low Voltage
for Various Supply Voltages (VCC)
3.9
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
2.3
5.5
5.1
4.7
4.3
3.9
3.5
3.1
2.7
SUPPLY VOLTAGE (V)
TA = +25°C
TA = +85°C
TA = +125°C
TA = –40°C
Figure 18. Input Hysteresis vs. Supply Voltage (VCC) for
Various Temperatures, VCM = 1 V
14
10
12
8
6
4
2
0
–50
125
100
75
50
25
0
–25
TEMPERATURE (°C)
VCC = 2.3V
VCC = 3.3V
VCC = 5.5V
RPULLUP = 10kΩ
VOD = 10mV
CL = 50pF
VCM = 1V
Figure 19. Propagation Delay vs. Temperature, High to Low, VOD = 10 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com