Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP392 Datasheet(PDF) 7 Page - Analog Devices

Part # ADCMP392
Description  Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP392 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCMP392 Datasheet HTML 3Page - Analog Devices ADCMP392 Datasheet HTML 4Page - Analog Devices ADCMP392 Datasheet HTML 5Page - Analog Devices ADCMP392 Datasheet HTML 6Page - Analog Devices ADCMP392 Datasheet HTML 7Page - Analog Devices ADCMP392 Datasheet HTML 8Page - Analog Devices ADCMP392 Datasheet HTML 9Page - Analog Devices ADCMP392 Datasheet HTML 10Page - Analog Devices ADCMP392 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet
ADCMP391/ADCMP392/ADCMP393
Rev. D | Page 7 of 17
TYPICAL PERFORMANCE CHARACTERISTICS
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–0.5
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
COMMON-MODE VOLTAGE (V)
SAMPLE 1
SAMPLE 2
SAMPLE 3
Figure 8. Input Offset Voltage (VOS) vs. Common-Mode Voltage (VCM),
VCC = 3.3 V
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VCC = 2.3V
VCC = 3.3V
VCC = 5.5V
Figure 9. Input Offset Voltage (VOS) vs. Temperature for
Various Supply Voltages (VCC), VCM = 1 V
10
15
20
25
30
35
40
45
50
55
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
ADCMP391
ADCMP392
ADCMP393
Figure 10. Supply Current vs. Supply Voltage (VCC) at Output Low Voltage
for Various Temperatures
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.3
5.5
5.1
4.7
4.3
3.9
3.5
3.1
2.7
SUPPLY VOLTAGE (V)
TA = +25°C
TA = +85°C
TA = +125°C
TA = –40°C
Figure 11. Input Offset Voltage (VOS) vs. Supply Voltage (VCC), VCM = 1 V
for Various Temperatures
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
SUPPLY VOLTAGE (V)
IN+ = IN– + 10mV
VCM = IN– = 1V
Figure 12. Output Voltage (VOUT) vs. Supply Voltage (VCC), RPULLUP = 10 kΩ
10
15
20
25
30
35
40
45
50
55
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
ADCMP391
ADCMP392
ADCMP393
Figure 13. Supply Current vs. Supply Voltage (VCC) at Output High Voltage
for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com