Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP392ARZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADCMP392ARZ
Description  Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP392ARZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADCMP392ARZ Datasheet HTML 8Page - Analog Devices ADCMP392ARZ Datasheet HTML 9Page - Analog Devices ADCMP392ARZ Datasheet HTML 10Page - Analog Devices ADCMP392ARZ Datasheet HTML 11Page - Analog Devices ADCMP392ARZ Datasheet HTML 12Page - Analog Devices ADCMP392ARZ Datasheet HTML 13Page - Analog Devices ADCMP392ARZ Datasheet HTML 14Page - Analog Devices ADCMP392ARZ Datasheet HTML 15Page - Analog Devices ADCMP392ARZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ADCMP391/ADCMP392/ADCMP393
Data Sheet
Rev. D | Page 12 of 17
WINDOW COMPARATOR FOR NEGATIVE VOLTAGE
MONITORING
Figure 30 shows the circuit configuration for negative supply
voltage monitoring. To monitor a negative voltage, a reference
voltage is required to connect to the end node of the voltage
divider circuit, in this case, VREF.
OUTA
INA+
VREF
VM
INA–
OUTB
INB+
INB–
RX
RY
RZ
VNL
VNH
VREF
Figure 30. Negative Undervoltage/Overvoltage Monitoring Configuration
Equation 7, Equation 9, and Equation 10 need some minor
modifications for use with negative voltage monitoring. The
reference voltage, VREF, is added to the overall voltage drop;
therefore, it must be subtracted from VM, VUV, and VOV before
using each of them in Equation 7, Equation 9, and Equation 10.
To monitor a negative voltage level, the resistor divider circuit
divides the voltage differential level between VREF and the
negative supply voltage into the high-side voltage, VNH, and the
low-side voltage, VNL. The high-side voltage, VNH, is connected
to INC+, and the low-side voltage, VNL, is connected to IND−.
To trigger an overvoltage condition, the monitored voltage must
exceed the nominal voltage in terms of magnitude, and the
high-side voltage (in this case, VNH) on the INC+ pin must be
more negative than ground. Calculate the high-side voltage,
VNH, by the following:
(
)
OV
Z
Y
X
Y
X
OV
REF
NH
V
R
R
R
R
R
V
V
GND
V
+


+
+
+
=
=
(11)
In addition,
(
)
M
REF
M
Z
Y
X
I
V
V
R
R
R
=
+
+
(12)
Therefore, RZ, which sets the desired trip point for the
overvoltage monitor, is calculated by
(
)
(
)
OV
REF
M
REF
M
REF
Z
V
V
I
V
V
V
R
=
(13)
To trigger an undervoltage condition, the monitored voltage
must be less than the nominal voltage in terms of magnitude,
and the low-side voltage (in this case, VNL) on the IND− pin
must be more positive than ground. Calculate the low-side
voltage, VNL, by the following:
(
)
UV
Z
Y
X
X
UV
REF
NL
V
R
R
R
R
V
V
GND
V
+


+
+
=
=
(14)
Because RZ is already known, RY can be expressed as follows:
(
)
(
)
Z
UV
REF
M
REF
M
REF
Y
R
V
V
I
V
V
V
R
=
(15)
When RY and RZ are known, RX is then calculated by
(
)
Z
Y
M
REF
M
X
R
R
I
V
V
R
=
(16)
PROGRAMMABLE SEQUENCING CONTROL CIRCUIT
The circuit shown in Figure 31 is used to control the power
supply sequencing. The delay is set by the combination of the
pull-up resistor (RPULLUP), the load capacitor (CL), and the
resistor divider network.
OUTA
INA+
U1
INB+
INC+
IND+
INA–
INB–
INC–
IND–
OUTB
OUTC
OUTD
R2
V2
R3
V3
R4
V4
R5
R1
V1
RPULLUP
VREF/VCC
CL
SEQ
Figure 31. Programmable Sequencing Control Circuit
Figure 32 shows a simplified block diagram for the
programmable sequencing control circuit. The application
delays the enable signal, EN, of the external regulators (LDO x)
in a linear order when the open-drain signal (SEQ) changes
from low to high impedance.
The ADCMP391/ADCMP392/ADCMP393 have a defined
output state during startup, which prevents any regulator from
turning on if VCC is still below the UVLO threshold.
IN
EN
OUT
GND
LDO 1
3.0V
3.3V
IN
EN
OUT
GND
LDO 2
1.8V
IN
EN
OUT
GND
LDO 3
2.5V
IN
EN
OUT
GND
LDO 4
1.2V
GND
VREF/VCC
SEQ
t1
t2
t3
t4
Figure 32. Simplified Block Diagram of a Programmable
Sequencing Control Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com