Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13413 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13413
Description  ~65째 wide beam with 7 optics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13413 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13413 Datasheet HTML 1Page - Ledil, Inc. C13413 Datasheet HTML 2Page - Ledil, Inc. C13413 Datasheet HTML 3Page - Ledil, Inc. C13413 Datasheet HTML 4Page - Ledil, Inc. C13413 Datasheet HTML 5Page - Ledil, Inc. C13413 Datasheet HTML 6Page - Ledil, Inc. C13413 Datasheet HTML 7Page - Ledil, Inc. C13413 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT
DATASHEET
C13413_ANNA-40-7-WW
ANNA-40-7-WW
~65° wide beam with 7 optics
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 40.0 mm
Height
12.2 mm
Fastening
pin
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
9 kg
Quantity in Box
760 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ANNA-40-7-WW
Lens array
PMMA
clear
Last update: 12/07/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/8


Similar Part No. - C13413

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13412 CREE-C13412 Datasheet
156Kb / 3P
Anna series
logo
Ledil, Inc.
C13412 LEDIL-C13412 Datasheet
156Kb / 3P
Anna series
C13412_ANNA-40-7-W LEDIL-C13412_ANNA-40-7-W Datasheet
156Kb / 3P
Anna series
logo
General Cable Technolog...
C1341A GENERAL-C1341A Datasheet
73Kb / 1P
COMMUNICATION CABLE
More results

Similar Description - C13413

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10244 LEDIL-CA10244_18 Datasheet
2Mb / 4P
~65째 wide beam. Assembly with tape.
CA10241 LEDIL-CA10241 Datasheet
2Mb / 4P
~65째 wide beam. Assembly with installation tape.
CP12637 LEDIL-CP12637 Datasheet
3Mb / 5P
~65째 wide beam
C16735 LEDIL-C16735 Datasheet
2Mb / 4P
~65째 wide beam
C11718 LEDIL-C11718 Datasheet
10Mb / 8P
~30째 wide beam with 7 optics
C13485 LEDIL-C13485 Datasheet
2Mb / 8P
~30째 wide beam with 7 optics
C11682 LEDIL-C11682 Datasheet
1Mb / 7P
~30째 wide beam with 7 optics
DAISY-MINI-WW LEDIL-DAISY-MINI-WW Datasheet
2Mb / 6P
~65째 wide beam
CA13633 LEDIL-CA13633 Datasheet
18Mb / 10P
~65째 wide beam.
C12359 LEDIL-C12359 Datasheet
1Mb / 5P
~65째 wide beam
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com