Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU8721 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU8721
Description  CLASS D HEADPHONE AMPLIFIER FOR DIGITAL AUDIO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8721 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU8721 Datasheet HTML 3Page - New Japan Radio NJU8721 Datasheet HTML 4Page - New Japan Radio NJU8721 Datasheet HTML 5Page - New Japan Radio NJU8721 Datasheet HTML 6Page - New Japan Radio NJU8721 Datasheet HTML 7Page - New Japan Radio NJU8721 Datasheet HTML 8Page - New Japan Radio NJU8721 Datasheet HTML 9Page - New Japan Radio NJU8721 Datasheet HTML 10Page - New Japan Radio NJU8721 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NJU8721
-7 -
(8) Control Register
When Control Mode is set to Serial control by the Mode terminal, the control register sets various modes.
The Control Data is fetched by the rising edge of F2/SCK and is set into the control register by the rising edge of
F1/REQ. The latest 8 bits data are valid before the F1/REQ rising pulse.
(8-1) Serial Data Format
B7
B6
B5
B4
B3
B2
B1
B0
0
ATTN6
ATTN5
ATTN4
ATTN3
ATTN2
ATTN1
ATTN0
1
0
0
0
0
0
DEMP1
DEMP0
1
0
0
1
F2
F1
F0
MUTE
1
0
1
0
0
0
0
RST
1
1
0
0
0
0
0
TEST
1
1
0
1
0
0
0
0
1
1
1
0
0
MUTT2
MUTT1
MUTT0
1
1
1
1
0
0
0
TRST
Do not set other data excepting this table.
(8-2) ATTN6 to ATTN0
When B7 is “0”, B0 to B6 set the attenuation data. When attenuation data is set, the attenuation value
is changed to the target value in the period of transition time set by MUTT0 to MUTT2. The attenuation
value (ATT) is fixed by following formula.
When ATT is 14h or less, the attenuator is set -
∞ at reset. (When Control Mode is Parallel Control, ATT is
fixed 0db.)
ATT=DATA -121[dB]
DATA : attenuation point
7Fh=6dB
7Eh=5dB
7Dh=4dB
:
79h=0dB
:
16h=-99dB
15h=-100dB
14h=-
∞
13h=-
∞
:
00h=-
∞ (initial value)
F1/REQ
F2/SCK
F0/DATA
B7
B6
B5
B4
B3
B2
B1
B0
Figure 5. Control Register Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com