Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13751 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13751
Description  Beam with wide light distribution
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13751 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13751 Datasheet HTML 1Page - Ledil, Inc. C13751 Datasheet HTML 2Page - Ledil, Inc. C13751 Datasheet HTML 3Page - Ledil, Inc. C13751 Datasheet HTML 4Page - Ledil, Inc. C13751 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C13751_STRADA-SQ-FW
STRADA-SQ-FW
Beam with wide light distribution and good
illuminance
uniformity
for
residential
street
lighting and staggered pole setups. Version with
location pins.
TECHNICAL SPECIFICATIONS:
Dimensions
25 + 25 mm
Height
15.1 mm
Fastening
pin, screw
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
6.9 kg
Quantity in Box
1568 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-SQ-FW
Lens
PMMA
clear
Last update: 07/09/2017
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C13751

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13757 CREE-C13757 Datasheet
1Mb / 21P
Strada series
logo
Ledil, Inc.
C13757 LEDIL-C13757 Datasheet
1Mb / 6P
Forward throw beam for area lighting
More results

Similar Description - C13751

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C15437 LEDIL-C15437 Datasheet
2Mb / 5P
Beam for canopy lighting with batwing light distribution.
C15920 LEDIL-C15920 Datasheet
3Mb / 5P
Beam for canopy lighting with batwing light distribution.
CS15689 LEDIL-CS15689 Datasheet
4Mb / 6P
Beam with wide light distribution and good illuminance uniformity
C15687 LEDIL-C15687 Datasheet
3Mb / 7P
Beam with wide light distribution
C12086 LEDIL-C12086 Datasheet
2Mb / 9P
Beam with wide light distribution and good illuminance uniformity
C12226 LEDIL-C12226 Datasheet
868Kb / 5P
Beam with wide light distribution and good illuminance uniformity
C13866 LEDIL-C13866 Datasheet
2Mb / 7P
Beam for canopy lighting with batwing light distribution
C15958 LEDIL-C15958 Datasheet
1Mb / 7P
Beam for canopy lighting with batwing light distribution
CA12087 LEDIL-CA12087 Datasheet
1Mb / 10P
Beam with wide light distribution and good illuminance uniformity
CA15959 LEDIL-CA15959 Datasheet
1Mb / 7P
Beam for canopy lighting with batwing light distribution.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com