Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C14751 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C14751
Description  Installation clip for fastening FLORENCE-1R optics or FLORENTINA-HLD with a 24 mm wide PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14751 Datasheet(HTML) 1 Page - Ledil, Inc.

  C14751 Datasheet HTML 1Page - Ledil, Inc. C14751 Datasheet HTML 2Page - Ledil, Inc. C14751 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
C14751_FLORENCE-1R-CLIP-C
FLORENCE-1R-CLIP-C
Installation clip for fastening FLORENCE-1R
optics or FLORENTINA-HLD with a 24 mm wide
PCB
TECHNICAL SPECIFICATIONS:
Dimensions
45.0 x 9.0 mm
Height
8.4 mm
Fastening
screw
Colour
clear
Box size
380 x 280 x 270 mm
Box weight
2.9 kg
Quantity in Box
2880 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
FLORENCE-1R-CLIP-C
Accessory
PC
clear
Last update: 11/07/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/3


Similar Part No. - C14751

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C14750 CREE-C14750 Datasheet
2Mb / 35P
Strada series
logo
Ledil, Inc.
C14750 LEDIL-C14750 Datasheet
5Mb / 20P
Catenary street light beam optimized for EN13201 M-classes
More results

Similar Description - C14751

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP12938 LEDIL-CP12938 Datasheet
6Mb / 7P
~19째 spot beam. Clip fastening for 0.8 mm thick PCB.
CP12939 LEDIL-CP12939 Datasheet
3Mb / 8P
~19째 real spot beam. Clip fastening for 1.6 mm thick PCB
CP13135 LEDIL-CP13135 Datasheet
1Mb / 4P
~30째 medium beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
CP13137 LEDIL-CP13137 Datasheet
1Mb / 4P
~50째 wide beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
CP13138 LEDIL-CP13138 Datasheet
1Mb / 4P
~55째 wide beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
FP11952 LEDIL-FP11952 Datasheet
2Mb / 4P
~80째 wide beam optimized for LUXEON Rebel. 6.6 mm high variant with clip installation.
C14353 LEDIL-C14353 Datasheet
2Mb / 3P
Installation clip for fastening FLORENCE-1R optics or FLORENTINA-HLD with a 40 mm wide PCB
C14409 LEDIL-C14409 Datasheet
5Mb / 3P
Installation clip for fastening FLORENCE-1R optics or FLORENTINA-HLD
C14519 LEDIL-C14519 Datasheet
1Mb / 3P
Grey glare lowering shade for FLORENCE-1R-Z90 and FLORENCE-1R-Z60 optics
C14593 LEDIL-C14593 Datasheet
3Mb / 3P
Black glare lowering shade for FLORENCE-1R-Z90 and FLORENCE-1R-Z60 optics
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com