Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2016DB Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CT2016DB
Description  Crystal units surface mount type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CT2016DB Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CT2016DB Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.00 0.10
#4
#3
#1
#2
GND
HOT
SENSOR
HOT
#4
#3
#1
#2
CONNECTION
(TOP VIEW)
4 0.67 0.1
#1
#4
#2
#3
2.00 0.10
#4
#3
#1
#2
Height 0.65 (max.) mm
Dimensions
(Unit: mm)
0.75
0.75
0.70
4-R0.20
0.46
Recommended Land Pattern
(Unit: mm)
2.0
×1.6mm for Mobile Communications
RoHSCompliant
Features
• Crystal Unit with Thermistor
• Height 0.65 (max.) mm is also available
• Reference frequency for
telecommunication systems
• Reflow compatible
• Using ceramic package resulting in high
reliability
Applications
• Mobile Communications, GPS
Specifications
Item
Symbol
Specification
Units
Remarks
Frequency Range
f_nom
19200 to 60000
kHz
Overtone Order
OT
Fundamental
Load Capacitance
CL
7
pF
Frequency Tolerance
f_tol
±10
×10−6
25
°C±3°C
Motional Series Resistance
R1
Table 1
ohm
Drive Level
DL
10
μW
100
μW max.
Operating Temp. Range
T_use
−30 to +85
°C
Storage Temp. Range
T_stg
−40 to +105
°C
Frequency Temp. Characteristics
f_tem
±12
×10−6
Freq. deviation from the value at 32
°C
Thermistor Resistance
Table 2
ohm
25
°C
Thermistor B
-Constant
Table 3
K
25
°C to 50°C
Please contact us for other specifications.
Table1 Motional Series Resistance
Frequency Range
Motional Series Resistance
19200 to 25999kHz
80
Ω max.
26000 to 29999kHz
60
Ω max.
30000 to 60000kHz
50
Ω max.
Table2 Thermistor Resistance
Resistance
Specification
100k
Ω
±1%
Table3 Thermistor B
-Constant
B
-Constant
Specification
4250K
±1%
How to Order
CT2016DB 19200 □□ □ □ □ □□
③ ④⑤⑥ ⑦
① Series
② Frequency
③ Load Capacitance
B0
6 pF
C0
7 pF
Std.
④ Frequency Tolerance
F
±10×10−6 Std.
G
±15×10−6
⑤ Operating Temp. Range ⑥ Frequency Temp. Stability
PF
−40 to +85°C
±10×10−6(at −25 to +85°C)
RH
−40 to +105°C ±12×10−6(at −30 to +85°C)
⑦ Individual Specification
Packaging (Tape & Reel 12000 pcs./ reel)
Crystal Units with Thermistor
Surface Mount Type CT2016DB
As of March 2018


Similar Part No. - CT2016DB

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CT201003ALM AAC-CT201003ALM Datasheet
200Kb / 3P
Chip Resistors - Tin / Gold Terminations Available
CT201003ALM AAC-CT201003ALM Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT201003ALO AAC-CT201003ALO Datasheet
200Kb / 3P
Chip Resistors - Tin / Gold Terminations Available
CT201003ALO AAC-CT201003ALO Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT201003AMM AAC-CT201003AMM Datasheet
200Kb / 3P
Chip Resistors - Tin / Gold Terminations Available
More results

Similar Description - CT2016DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX8045GB ETC2-NX8045GB Datasheet
43Kb / 1P
SURFACE MOUNT TYPE CRYSTAL UNITS
logo
Kyocera Kinseki Corpota...
CX2520SB KSS-CX2520SB Datasheet
1Mb / 27P
Crystal Units Surface Mount Type
CT2520DB KSS-CT2520DB_18 Datasheet
70Kb / 1P
Crystal units surface mount type
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
Crystal units surface mount type
CX2016GR KSS-CX2016GR Datasheet
331Kb / 1P
Crystal units surface mount type
CX2016SA KSS-CX2016SA Datasheet
296Kb / 1P
Crystal units surface mount type
CX3225CA KSS-CX3225CA_18 Datasheet
68Kb / 1P
Crystal units surface mount type
CX3225SB KSS-CX3225SB Datasheet
66Kb / 1P
Crystal units surface mount type
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
Crystal units surface mount type
CX5032SA KSS-CX5032SA_18 Datasheet
70Kb / 1P
Crystal units surface mount type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com