Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX1210DB Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CX1210DB
Description  Crystal units surface mount type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX1210DB Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX1210DB Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
Features
• Ultra
-
le
(1.2
×1.0×0.3mm max.)
• Crystal unit for mobile communication
Systems.
ow compatible
• Using ceramic package resulting in high
reliability
Applications
• Mobile Communications, Bluetooth®,
Wireless LAN
* Bluetooth® Trademarks are owned by
Bluetooth SIG Inc.
How to Order
CX1210DB 37400
□□ □ □ □ CC
①
②
③ ④⑤ ⑥ ⑦
① Series
② Frequency
③ Load Capacitance
D0
8 pF
H0
12 pF
④ Frequency Stability
F
±10×10−6
G
±15×10−6
⑤ Operating Temp. Range ⑥ Frequency Temp. Stability
FF
−20 to +70°C
±10×10−6
LH
−30 to +85°C
±12×10−6
LJ
−30 to +85°C
±15×10−6
⑦
cation
Packaging (Tape & Reel 1000/ 3000/ 12000/ 21000pcs./ reel)
Specifications
Item
Symbol
Specifi
s
k
r
a
m
e
R
s
t
i
n
U
n
o
i
t
a
c
Frequency Range
f_nom
37400/ 40000/ 52000/ 80000
kHz
Overtone Order
OT
Fundamental
―
Load Capacitance
CL
8
pF
Frequency Tolerance
f_tol
±10
×10−6
25
°C±3°C
Motional Series Resistance
m
h
o
1
e
l
b
a
T
1
R
Drive Level
DL
Table 2
W
Operating Temp. Range
T_use
−30 to +85
°C
Storage Temp. Range
T_stg
−40 to +105
°C
Frequency Temp. Characteristics
f_tem
±12
×10−6
Freq. deviation from the value at 25
°C
Please contact us for other specications.
Table1 Motional Series Resistance
Frequency Range
Motional Series Resistance
f_nom 37400/ 40000/
52000/ 80000kHz
60 max.
Table2 Level of Drive
Frequency Range
Level of Drive
f_nom 37400/ 40000/
52000/ 80000kHz
10 W (100 W max.)
1.20 0.10
4 0.08 0.1
GND
(NC)
GND
4 R0.08
4 0.45 0.1
C 0.12
#4
#3
#1
#1
#4
#2
#4
#3
#1
#2
#2
#3
CONNECTION
(TOP VIEW)
Dimensions
(Unit: mm)
0.47
0.47
0.31
0.83
Recommended Land Pattern
(Unit: mm)
1.2
×1.0mm for Mobile Communications
Crystal Units
Surface Mount Type CX1210DB
May


Similar Part No. - CX1210DB

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CX1210MKNP00BB0 CDIL-CX1210MKNP00BB0 Datasheet
751Kb / 16P
SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
logo
Pulse A Technitrol Comp...
CX1210MKNP00BB0 PULSE-CX1210MKNP00BB0 Datasheet
1Mb / 14P
Surface-mount ceramic EMI filter capacitors
logo
Continental Device Indi...
CX1210MKNP00BB1 CDIL-CX1210MKNP00BB1 Datasheet
751Kb / 16P
SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
logo
Pulse A Technitrol Comp...
CX1210MKNP00BB1 PULSE-CX1210MKNP00BB1 Datasheet
1Mb / 14P
Surface-mount ceramic EMI filter capacitors
logo
Continental Device Indi...
CX1210MKNP00BB2 CDIL-CX1210MKNP00BB2 Datasheet
751Kb / 16P
SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
More results

Similar Description - CX1210DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX8045GB ETC2-NX8045GB Datasheet
43Kb / 1P
SURFACE MOUNT TYPE CRYSTAL UNITS
logo
Kyocera Kinseki Corpota...
CX2520SB KSS-CX2520SB Datasheet
1Mb / 27P
Crystal Units Surface Mount Type
CT2520DB KSS-CT2520DB_18 Datasheet
70Kb / 1P
Crystal units surface mount type
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
Crystal units surface mount type
CX2016GR KSS-CX2016GR Datasheet
331Kb / 1P
Crystal units surface mount type
CX2016SA KSS-CX2016SA Datasheet
296Kb / 1P
Crystal units surface mount type
CX3225CA KSS-CX3225CA_18 Datasheet
68Kb / 1P
Crystal units surface mount type
CX3225SB KSS-CX3225SB Datasheet
66Kb / 1P
Crystal units surface mount type
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
Crystal units surface mount type
CX5032SA KSS-CX5032SA_18 Datasheet
70Kb / 1P
Crystal units surface mount type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com