Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2H30F2 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # P2H30F2
Description  Fast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

P2H30F2 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  P2H30F2 Datasheet HTML 1Page - Kyocera Kinseki Corpotation P2H30F2 Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■回路図
CIRCUIT
■外形寸法図
OUTLINE DRAWING
Dimension:[mm]
■最大定格 Maximum Ratings
項 目
Parameter
記号
Symbol
耐圧クラス
Grade
単位
Unit
P2H30F2
くり返しピーク逆電圧
*1
RepetitivePeakReverse Voltage
VRRM
200
V
項 目
Parameter
記 号
Symbol
条 件
Conditions
定格値
Max.RatedValue
単位
Unit
平均整流電流
*1
AverageRectifiedOutputCurrent
Io(AV)
商用周波数
180°通電
Tc=87℃
HalfSineWave
30
A
実効順電流
*1
RMSForwardCurrent
IF(RMS)
47
A
サージ順電流
*1
SurgeForwardCurrent
IFSM
50Hz正弦半波,1 サイクル,非くり返し
HalfSineWave,1Pulse,Non-Repetitive
300
A
電流二乗時間積
*1
I Squaredt
I2t
2~10ms
450
A2s
動作接合温度範囲
OperatingJunctionTemperatureRange
Tjw
-40 ~ +150
℃
保存温度範囲
StorageTemperature Range
Tstg
-40 ~ +125
℃
絶縁耐圧
IsolationVoltage
Viso
端子-ベース間、
AC1分間
Terminal to Base, AC1min
2500
V
締付トルク
MountingTorque
ベース部
Mounting
F
サーマルコンパウンド塗布
Greased
M4
1.5 (1.4)
N・m
主端子部
Terminal
M4
1.5 (1.4)
N・m
■電気的特性 Electrical Characteristics
項 目
Parameter
記号
Symbol
条 件
Conditions
特性値(最大)
MaximumValue
単位
Unit
ピーク逆電流
*1
PeakReverseCurrent
IRM
Tj=25℃,VRM=VRRM
25
μ
A
ピーク順電圧
*1
PeakForwardVoltage
VFM
Tj=25℃,IFM=30A
1.08
V
逆回復時間
*1
Reverse RecoveryTime
trr
Tj=25℃,IFM=10A, -di/dt=50A/μs
50
ns
熱抵抗
*1
ThermalResistance
Rth(j-c)
接合部-ケース間
JunctiontoCase
1.53
℃
/W
接触熱抵抗
ThermalResistance
Rth(c-f)
ケース
-フィン間(トータル),サーマルコンパウンド塗布
Case toFin,Total,Greased
0.3
℃
/W
質 量 --- 約
35g
*1:1アーム当りの値 ValuePer1Arm.
ApproximateWeight
FRD
30A Avg 200 Volts
P2H30F2


Similar Part No. - P2H30F2

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
P2H30F2 NIEC-P2H30F2 Datasheet
155Kb / 3P
FRD MODULE 30A/200V
logo
National Instruments Co...
P2H30F2 NI-P2H30F2_15 Datasheet
206Kb / 2P
30A Avg 200 Volts
More results

Similar Description - P2H30F2

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com