Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518 Datasheet(PDF) 13 Page - Analog Devices

Part # SSM2518
Description  Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518 Datasheet(HTML) 13 Page - Analog Devices

Back Button SSM2518 Datasheet HTML 9Page - Analog Devices SSM2518 Datasheet HTML 10Page - Analog Devices SSM2518 Datasheet HTML 11Page - Analog Devices SSM2518 Datasheet HTML 12Page - Analog Devices SSM2518 Datasheet HTML 13Page - Analog Devices SSM2518 Datasheet HTML 14Page - Analog Devices SSM2518 Datasheet HTML 15Page - Analog Devices SSM2518 Datasheet HTML 16Page - Analog Devices SSM2518 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Datasheet
SSM2518
Rev. B | Page 13 of 48
0
0.5
1.0
1.5
2.0
2.5
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY VOLTAGE (V)
1%
5%
10%
GAIN = 5V
RL = 4Ω, 15µH
1kHz
Figure 18. Maximum Output Power vs. Supply Voltage, RL = 4 Ω
0
10
20
30
40
50
60
70
80
90
100
0
0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 4.8
COMBINED OUTPUT POWER, BOTH CHANNELS (W)
5V
3.6V
2.5V
RL = 4Ω, 15µΗ
Figure 19. Efficiency vs. Output Power into 4 Ω
–140
–120
–100
–80
–60
–40
–20
0
20
200
2k
FREQUENCY (Hz)
20k
PVDD = 5V
RL = 8Ω, 33μH
PO = 100mW
LEFT TO RIGHT
RIGHT TO LEFT
Figure 20. Crosstalk vs. Frequency
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY VOLTAGE (V)
GAIN = 5V
RL = 8Ω, 33µH
1kHz
1%
5%
10%
Figure 21. Maximum Output Power vs. Supply Voltage, RL = 8 Ω
0
10
20
30
40
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
COMBINED OUTPUT POWER, BOTH CHANNELS (W)
5V
3.6V
2.5V
RL = 8Ω + 33µΗ
Figure 22. Efficiency vs. Output Power into 8 Ω
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
PVDD = 2.5V
PVDD = 3.6V
PVDD = 5V
FREQUENCY (Hz)
Figure 23. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com