Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # SSM2518CPZ-R7
Description  Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button SSM2518CPZ-R7 Datasheet HTML 22Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 23Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 24Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 25Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 26Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 27Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 28Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 29Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
SSM2518
Datasheet
Rev. B | Page 26 of 48
REGISTER (REG_MAP) DETAILS
SOFTWARE RESET AND MASTER SOFTWARE POWER-DOWN CONTROL REGISTER
Address: 0x00, Reset: 0x05, Name: Reset_Power_Control
Table 13. Bit Descriptions for Reset_Power_Control
Bits
Bit Name
Settings
Description
Reset
Access
7
S_RST
Software Reset. Write 1 to reset all internal blocks, including I2C registers,
to their initial state.
0x0
RW
0
Normal operation
1
Software reset
6
RESERVED
Reserved.
0x0
RW
5
NO_BCLK
Bit Clock Source Selection. Either the MCLK or BCLK pin can be routed
internally to the bit clock.
0x0
RW
0
BCLK pin used as bit clock source. Typical configuration.
1
MCLK pin used as bit clock source. No BCLK pin connection is needed.
[4:1]
MCS
Master Clock Select. This must match the ratio between the input MCLK
frequency and the audio sample rate, as shown in Table 11.
0x2
RW
0000
64 × fS
0001
128 × fS
0010
256 × fS
0011
384 × fS
0100
512 × fS
0101
768 × fS
0110
100 × fS
0111
200 × fS
1000
400 × fS
1001
Reserved
0
SPWDN
Software Master Power-Down. This places all blocks, except the I2C
interface, into a low power state.
0x1
RW
0
Normal operation
1
Software master power-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com