Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSM11PL Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # FSM11PL
Description  1.0 Amp Fast Recover Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

FSM11PL Datasheet(HTML) 1 Page - Nanjing International Group Co

  FSM11PL Datasheet HTML 1Page - Nanjing International Group Co FSM11PL Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0 Amp Fast
Recovery Rectifier
50 to
1000 Volts
Features
Maximum Ratings
x
Operating Temperature(Tj): -65
to +150
x
Storage Temperature(TSTG): -65
to +150
x
Maximum Thermal Resistance(RthJA): 75
/W
MCC
Part Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FSM11PL
F1
50V
35V
50V
FSM12PL
F2
100V
70V
100V
FSM13PL
F3
200V
140V
200V
FSM14PL
F4
400V
280V
400V
FSM15PL
F5
600V
420V
600V
FSM16PL
F6
800V
560V
800V
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0 A
TL = 110
Peak Forward Surge
Current
IFSM
30.0A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V-
IFM =1.0A;
TA = 25
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
PA
TA = 25
Maximum Reverse
Recovery Time
Trr
150ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
*6.0mm
2
copper pads to each terminal
SOD-123FL
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
.037
.053
0.95
1.35
E
.020
.039
0.50
1.00
G
.010
-----
0.25
-----
H
-----
.008
----
.20
100uA-----TA=55
FSM11PL-14PL
FSM15PL
FSM16PL-17PL
250ns
500ns
*
A
B
E
C
D
H
G
x
For Surface Mount Application
x
Glass Passivated Junction
x
Fast Recovery Time For High Efficiency
x
Case Material : Molded Palstic. UL Flammability
Classification Rating 94V-0 and MSL rating 1
x
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
FSM17PL
F7
1000V
700V
1000V
FSM11PL
FSM17 PL
1.0 Amp Fast
1.0 Amp Fast
THRU
7 PL
Recovery Rectifier
www.dgnjdz.com


Similar Part No. - FSM11PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FSM11PL MCC-FSM11PL Datasheet
76Kb / 3P
1.0 Amp Super Fast Recovery Rectifier 50 to 800 Volts
FSM11PL MCC-FSM11PL Datasheet
176Kb / 3P
1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
SUNMATE electronic Co.,...
FSM11PL SUNMATE-FSM11PL Datasheet
310Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
logo
Micro Commercial Compon...
FSM11PL MCC-FSM11PL Datasheet
168Kb / 3P
1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Nanjing International G...
FSM11PL-2C1A-2CSOD-123FL DGNJDZ-FSM11PL-2C1A-2CSOD-123FL Datasheet
102Kb / 2P
1.0 Amp Fast Recovery Rectifier
More results

Similar Description - FSM11PL

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
BY296 MIC-BY296 Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
FR151 MIC-FR151 Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
FR251 MIC-FR251 Datasheet
49Kb / 2P
FAST RECOVER RECTIFIER
FR601S MIC-FR601S Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
logo
Shenzhen Ping Sheng Ele...
FM4001 PFS-FM4001 Datasheet
184Kb / 2P
FAST RECOVER RECTIFIER
BY296 PFS-BY296 Datasheet
164Kb / 2P
FAST RECOVER RECTIFIER
FR601 PFS-FR601 Datasheet
163Kb / 2P
FAST RECOVER RECTIFIER
logo
WILLAS ELECTRONIC CORP
EFM101 WILLAS-EFM101 Datasheet
214Kb / 2P
1.0 AMP SUPER FAST RECTIFIER
logo
Nanjing International G...
RS10005FL DGNJDZ-RS10005FL Datasheet
471Kb / 2P
1.0 Amp Fast Recovery Rectifier
FSM11PL-2C1A-2CSOD-123FL DGNJDZ-FSM11PL-2C1A-2CSOD-123FL Datasheet
102Kb / 2P
1.0 Amp Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com