Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89V51RB2BBC Datasheet(PDF) 69 Page - NXP Semiconductors

Part # P89V51RB2BBC
Description  8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89V51RB2BBC Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button P89V51RB2BBC Datasheet HTML 65Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 66Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 67Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 68Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 69Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 70Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 71Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 72Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 77 page
background image
Philips Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
Product data
Rev. 03 — 02 December 2004
69 of 77
9397 750 14341
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
tCLCX
low time
8.75
-
0.35TCLCL
0.65TCLCL
ns
tCLCH
rise time
-
10
-
-
ns
tCHCL
fall time
-
10
-
-
ns
Table 71:
External clock drive…continued
Symbol
Parameter
Oscillator
Unit
40 MHz
Variable
Min
Max
Min
Max
Fig 33. External clock drive waveform.
002aaa551
0.2 VDD - 0.1
0.45 V
tCHCL
tCLCL
tCLCH
tCLCX
tCHCX
0.7VDD
VDD - 0.5
Table 72:
Serial port timing
Symbol
Parameter
Oscillator
Unit
40 MHz
Variable
Min
Max
Min
Max
tXLXL
serial port clock cycle time
0.3
-
12tCLCL
-
µs
tQVXH
output data set-up to clock rising
edge
117
-
10tCLCL − 133 -
ns
tXHQX
output data hold after clock rising
edge
0-
2tCLCL − 50
-
ns
tXHDX
input data hold after clock rising
edge
0-
0
-
ns
tXHDV
clock rising edge to input data valid
-
117
-
10tCLCL − 133 ns
Fig 34. Shift register mode timing waveforms.
002aaa552
ALE
0
INSTRUCTION
CLOCK
OUTPUT DATA
WRITE TO SBUF
VALID
VALID
VALID
VALID
VALID
VALID
VALID
VALID
INPUT DATA
CLEAR RI
01
2
3
4
5
6
7
tXLXL
tQVXH
tXHQX
tXHDV
tXHDX
SET TI
SET R I
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com