Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCMB744826 Datasheet(PDF) 1 Page - Allied Components International

Part # VCMB744826
Description  Solid Base for Stable Mounting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

VCMB744826 Datasheet(HTML) 1 Page - Allied Components International

  VCMB744826 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER LINE COMMON MODE CHOKE
VCMB744826
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
REVISED 09/11/2015
RoHS
Solid Base for Stable Mounting
Excellent EMI Suppression
Fixed Pins for easy PCB Insertion
All specifications subject to change without notice.
Operating temp: -40ºC to +125ºC
VCMB744826-501N
Part Number
Inductance
100KHz/0.5mA
1-4 = 2-3
0.5mH Min
DCR
1-4 = 2-3
2.3mOhm Max
CH-502A
HI-POT TEST
5mA
Coil to Coil
1500V for 2 sec.
RDC
35A Max
(IR)
Operation
Voltage
250VAC
Wire
1-4 / 2-3
Turns
1-4 / 2-3
7 TS (REF)
2.50Ø1PEW


Similar Part No. - VCMB744826

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
VCMB744826 ALLIED-VCMB744826 Datasheet
251Kb / 1P
POWER LINE COMMON MODE CHOKE
VCMB744826-501N ALLIED-VCMB744826-501N Datasheet
251Kb / 1P
POWER LINE COMMON MODE CHOKE
More results

Similar Description - VCMB744826

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3862 POMONA-3862 Datasheet
23Kb / 1P
Double Mounting Base For Standard Binding Post
3863 POMONA-3863 Datasheet
24Kb / 1P
Triple Mounting Base For Standard Binding Post
logo
Elektron Components Ltd...
FX0326 BULGIN-FX0326 Datasheet
79Kb / 1P
Base Mounting, PC1
logo
List of Unclassifed Man...
DF30DB40 ETC2-DF30DB40 Datasheet
84Kb / 2P
Isolated Mounting Base
logo
celduc-relais
SLA03220L CELDUC-SLA03220L Datasheet
356Kb / 3P
AC Solid State Relay for PCB mounting
logo
PHOENIX CONTACT
2200911 PHOENIX-2200911 Datasheet
44Kb / 2P
Mounting foot for panel mounting the HC-ALU panel mounting base
2200912 PHOENIX-2200912 Datasheet
44Kb / 2P
Mounting foot for panel mounting the HC-ALU panel mounting base
2200913 PHOENIX-2200913 Datasheet
43Kb / 2P
Mounting foot for panel mounting the HC-ALU panel mounting base
2700143 PHOENIX-2700143 Datasheet
50Kb / 2P
Angle for base mounting, black
2700155 PHOENIX-2700155 Datasheet
51Kb / 3P
Outlet box with magnetic base for base mounting, black
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com