Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARJM11 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ARJM11
Description  RJ45 SINGLE PORT 100/1000/2.5G/5G BASE-T MAGNETICS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJM11 Datasheet(HTML) 2 Page - Abracon Corporation

  ARJM11 Datasheet HTML 1Page - Abracon Corporation ARJM11 Datasheet HTML 2Page - Abracon Corporation ARJM11 Datasheet HTML 3Page - Abracon Corporation ARJM11 Datasheet HTML 4Page - Abracon Corporation ARJM11 Datasheet HTML 5Page - Abracon Corporation ARJM11 Datasheet HTML 6Page - Abracon Corporation ARJM11 Datasheet HTML 7Page - Abracon Corporation ARJM11 Datasheet HTML 8Page - Abracon Corporation ARJM11 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Lane Spicewood TX 78751
Phone: 512.371.6159 | email: abinfo@abracon.com
For terms and conditions of sales visit:
www.abracon.com
REVISED:
08.20.2018
RJ45 SINGLE PORT 100/1000/2.5G/5G BASE-T MAGNETICS
ARJM11
LLC
21.30 x 15.90 x 13.60mm
21.30 x 15.90 x 13.80mm
MSL = 1
RoHS/RoHS II Compliant
STANDARD SPECIFICATIONS
Parameters
Minimum
Typical
Maximum
Units
Notes
Turn Ratio (±3%)
1CT:1CT
100kHz, 0.1V
Inductance
350
µH
100kHz, 0.1V, 8mADC
200
For 2.5G Base-T only
160
For 5G Base-T only
Leakage Inductance
0.5
µH
100kHz, 0.1V
0.3
For 2.5G Base-T and
5G Base-T
DC Resistance
1.5
Ω
Hipot
2250
VDC
1mA Max
Complies with IEEE
802.3
Operating Temperature
-40
+85
°
C
See options
Storage Temperature
-40
+85
°
C
100 Base-T
Insertion Loss
-1.1
dB
0.5-100MHz
Return Loss
-18
dB
0.5-30MHz
-18+20log(f/30)*
30.1-60MHz
-12
60.1-80MHz
Crosstalk
-35
dB
0.5-40MHz
-33+20log(f/50)*
40.1-100MHz
CMRR
-30
dB
0.5-100MHz
1000 Base-T
Insertion Loss
-1.1
dB
0.5-100MHz
Return Loss
-18
dB
0.5-40MHz
-12+20log(f/80)*
40.1-100MHz
Crosstalk
-35
dB
0.5-40MHz
-33+20log(f/50)*
40.1-100MHz
CMRR
-30
dB
0.5-100MHz
2.5G Base-T
Insertion Loss
-0.5
dB
1-50MHz
-1.0
50-125MHz
Return Loss
-20
dB
1-40MHz
-20+15log(f/40)*
40-200MHz
Crosstalk
-30
dB
25-125MHz
5G Base-T
Insertion Loss
-0.5
1-50MHz
-1.0
dB
50-125MHz
-2.0
125-250MHz
Return Loss
-20
1-40MHz
-20+15log(f/40)*
dB
40-250MHz
Crosstalk
-30
1-125MHz
-25
dB
125-250MHz
POE
Balanced DC line current
350
mA
@57VDC continuous
500
@57VDC for 200ms
POE+
Balanced DC line current
600
mA
@57VDC continuous
720
@57VDC for 200ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com