Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPIAIG-H6530-R68 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPIAIG-H6530-R68
Description  COMPACT SHIELDED SMD POWER INDUCTOR FOR AUTOMOTIVE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPIAIG-H6530-R68 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPIAIG-H6530-R68 Datasheet HTML 1Page - Abracon Corporation ASPIAIG-H6530-R68 Datasheet HTML 2Page - Abracon Corporation ASPIAIG-H6530-R68 Datasheet HTML 3Page - Abracon Corporation ASPIAIG-H6530-R68 Datasheet HTML 4Page - Abracon Corporation ASPIAIG-H6530-R68 Datasheet HTML 5Page - Abracon Corporation ASPIAIG-H6530-R68 Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LLC
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 12.21.2016
COMPACT SHIELDED SMD POWER INDUCTOR
FOR AUTOMOTIVE
ASPIAIG-HXXXX SERIES
MSL = 1
Pb RoHS/RoHS II Compliant
ASPIAIG-H6530: 7.1 x 6.5 x 3.0 mm
ASPIAIG-H8540: 8.8 x 8.5 x 4.0 mm
STANDARD SPECIFICATIONS
FEATURES
APPLICATIONS
Part Number
Inductance
Tolerance
Self-resonant
DC Resistance
Saturation Current Temperature Rise
Current
100kHz/1V
Min
Max (25˚C)
Typ
Typ
Units
μH
%
MHz
mΩ
A
A
Symbol
L
M
SRF
DCR
Isat
Irms
ASPIAIG-H6530-R22
0.22
20
108
4.0
25.00
20.00
ASPIAIG-H6530-R33
0.33
20
78
5.1
23.00
17.50
ASPIAIG-H6530-R47
0.47
20
71
6.6
22.50
15.50
ASPIAIG-H6530-R68
0.68
20
57
8.7
18.00
13.45
ASPIAIG-H6530-R75
0.75
20
55
8.7
15.80
13.45
ASPIAIG-H6530-1R0
1.0
20
41
8.7
13.00
13.45
ASPIAIG-H6530-1R5
1.5
20
37
13.8
11.50
8.50
ASPIAIG-H6530-2R2
2.2
20
24
18.0
8.60
8.00
ASPIAIG-H6530-3R3
3.3
20
23
30.5
6.60
7.00
ASPIAIG-H6530-4R7
4.7
20
15
43.5
5.30
5.40
ASPIAIG-H6530-6R8
6.8
20
14
64.0
4.50
4.50
ASPIAIG-H6530-8R2
8.2
20
13
69.0
4.50
4.40
ASPIAIG-H6530-100
10.0
20
12
77.4
4.45
4.20
ASPIAIG-H6530-150
15.0
20
11
127.0
4.25
3.50
ASPIAIG-H6530-220
22.0
20
8
177.0
2.40
2.80
ASPIAIG-H8540-R47
0.47
20
57
3.5
32.0
11.3
ASPIAIG-H8540-1R0
1.0
20
49
6.5
20.0
8.4
ASPIAIG-H8540-1R5
1.5
20
38
7.7
17.0
7.6
ASPIAIG-H8540-2R2
2.2
20
29
12.0
14.0
6.1
ASPIAIG-H8540-3R3
3.3
20
24
19.9
15.0
4.9
ASPIAIG-H8540-4R7
4.7
20
19
27.6
12.5
4.2
ASPIAIG-H8540-5R6
5.6
20
17
30.6
11.0
3.9
ASPIAIG-H8540-6R8
6.8
20
15
37.4
8.0
3.8
ASPIAIG-H8540-8R2
8.2
20
14
46.8
8.5
3.7
ASPIAIG-H8540-100
10.0
20
12
53.9
8.0
3.5
ASPIAIG-H8540-150
15.0
20
10
74.4
6.5
3.0
ASPIAIG-H8540-220
22.0
20
7
108.6
4.2
2.5
ASPIAIG-H8540-330
33.0
20
6
178.8
4.2
2.0
Operating Temperature
-40˚C ~ +125˚C
Storage Condition
-10˚C ~ +40˚C and R.H. 70% max
•
Height restricted applications
•
Automotive body electronics and comfort system
•
Automotive infotainment and entertainment
•
Automotive navigation
•
Transportation
•
Lighting, LED ballasts
•
Industrial Internet of Things (IIoT)
•
Industrial applications
•
Solar power
•
DC/DC converters and switch mode power supplies
•
Low profile 3mm height for compact applications
•
Advanced and high reliability wire-wound construction
•
Shielded construction reduces EMI
•
Automotive grade power inductor
•
TS-16949 qualified production
•
PPAP level 3 support
•
AEC-Q200 qualified with -40˚C to 125˚C operation
•
Low DCR down to 3.5mΩ improves efficiency
•
High saturation current up to 32A
•
Compact 7.1 x 6.5mm or 8.8 x 8.5mm options


Similar Part No. - ASPIAIG-H6530-R68

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPIAIG-F4030 ABRACON-ASPIAIG-F4030 Datasheet
697Kb / 5P
Molded SMD Power Inductor (AEC-Q200 Grade 0)
IR 04-25-23
ASPIAIG-F4030-1R0M-T ABRACON-ASPIAIG-F4030-1R0M-T Datasheet
697Kb / 5P
Molded SMD Power Inductor (AEC-Q200 Grade 0)
IR 04-25-23
ASPIAIG-F4030-1R2M-T ABRACON-ASPIAIG-F4030-1R2M-T Datasheet
697Kb / 5P
Molded SMD Power Inductor (AEC-Q200 Grade 0)
IR 04-25-23
ASPIAIG-F4030-1R5M-T ABRACON-ASPIAIG-F4030-1R5M-T Datasheet
697Kb / 5P
Molded SMD Power Inductor (AEC-Q200 Grade 0)
IR 04-25-23
ASPIAIG-F4030-2R2M-T ABRACON-ASPIAIG-F4030-2R2M-T Datasheet
697Kb / 5P
Molded SMD Power Inductor (AEC-Q200 Grade 0)
IR 04-25-23
More results

Similar Description - ASPIAIG-H6530-R68

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
logo
XFMRS Inc.
XFCSPL3 XFMRS-XFCSPL3 Datasheet
543Kb / 2P
Compact Shielded Power Inductor
logo
Abracon Corporation
ASPIAIG-SXXXX ABRACON-ASPIAIG-SXXXX Datasheet
1Mb / 7P
COMPACT SHIELDED SMD POWER INDUCTOR FOR AUTOMOTIVE
12.21.2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com