Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPIAIG-H8540-R47 Datasheet(PDF) 4 Page - Abracon Corporation

Part # ASPIAIG-H8540-R47
Description  COMPACT SHIELDED SMD POWER INDUCTOR FOR AUTOMOTIVE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPIAIG-H8540-R47 Datasheet(HTML) 4 Page - Abracon Corporation

  ASPIAIG-H8540-R47 Datasheet HTML 1Page - Abracon Corporation ASPIAIG-H8540-R47 Datasheet HTML 2Page - Abracon Corporation ASPIAIG-H8540-R47 Datasheet HTML 3Page - Abracon Corporation ASPIAIG-H8540-R47 Datasheet HTML 4Page - Abracon Corporation ASPIAIG-H8540-R47 Datasheet HTML 5Page - Abracon Corporation ASPIAIG-H8540-R47 Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LLC
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 12.21.2016
COMPACT SHIELDED SMD POWER INDUCTOR
FOR AUTOMOTIVE
ASPIAIG-HXXXX SERIES
MSL = 1
Pb RoHS/RoHS II Compliant
ASPIAIG-H6530: 7.1 x 6.5 x 3.0 mm
ASPIAIG-H8540: 8.8 x 8.5 x 4.0 mm
MECHANICAL DIMENSIONS
SERIES
A
B
C
D
E
X1
X2 Y1 Y2
ASPIAIG-H6530
7.1 ± 0.3
6.5 ± 0.3
3.0 ± 0.2
3.2 ± 0.3
1.55 ± 0.3
0.5 MAX
ASPIAIG-H8540
8.5 ± 0.3
8.2 ± 0.3
4.0 MAX
3.9 ± 0.3
1.9 ± 0.3
0.5 MAX
SERIES#
a Typ
b Typ
c Typ
ASPIAIG-H6530
3.7
1.85
3.4
ASPIAIG-H8540
3.8
2.4
4.1
ELECTRICAL CHARACTERISTICS
ASPIAIG-H8540-5R6
ASPIAIG-H8540-6R8
ASPIAIG-H8540-8R2
ASPIAIG-H8540-100
ASPIAIG-H8540-150
ASPIAIG-H8540-220
ASPIAIG-H8540-330



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com