Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD160F Datasheet(PDF) 2 Page - SanRex Corporation

Part # PD160F
Description  THYRISTOR MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

PD160F Datasheet(HTML) 2 Page - SanRex Corporation

  PD160F Datasheet HTML 1Page - SanRex Corporation PD160F Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PK(PD,PE,KK)160F
;
;
Peak Forward Gate Voltage(10V)
Peak
Gate
Power
(
10W
)
Average
Gate
Power
(3
W)
Maximum Gate Voltage that will not trigger any unit
125℃ 25℃
−30℃
2
10
1
5
2
10
0
10
−1
2
5
Gate Characteristics
Gate Current(mA)
5
10
1
10
2
2
5
2
10
3
2
5
5
2
2
2
5
10
3
0.
5
1.
0
1.
5
3.
0
2.
5
2.
0
10
1
10
2
On-State Voltage max
On-State Voltage(V)
Per one element
D.C.
θ=180゜
θ=120゜
θ=90゜
θ=60゜
θ=30゜
: Conduction Angle
360
。
2
50
350
250
200
150
100
300
0
0
100
250
150
300
200
50
Average On-State Current Vs Power Dissipation
(Single phase half wave)
Average On-State Current(A)
D.C.
Per one element
θ=180゜
θ=120゜
θ=90゜
θ=60゜
θ=30゜
: Conduction Angle
360
。
2
130
120
100
110
90
80
60
70
50
0
100
200
150
300
250
50
Average On-State Current Vs Maximum Allowable
Case Temperature(Single phase half wave)
Average On-State Current(A)
2
2
5
5
6000
4000
3000
2000
1000
5000
0
10
1
10
0
10
2
T
j=25℃ start
Per one element
60Hz
50Hz
Surge On-State Current Rating
(Non-Repetitive)
Time(cycles)
Per one element
Junction to case
0.
2
0.
1
0
10
−3
10
−2
10
−1
10
1
10
0
Transient Thermal Impedance
Time
t(sec)
Conduction Angle 180゜
W3
B6
B2
W1
Rth:0.5℃/W
Rth:0.4℃/W
Rth:0.3℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Rth:0.05℃/W
90
100
110
120
125
300
400
100
200
0
60 80
2040
0
120
100
1200
400
1000
800
200
600
Output Current
W1;Bidirectional connection
Output Current(A)
Ambient Temperature(℃)
Id(Ar.m.s.)
Rth:0.5℃/W
Rth:0.4℃/W
Rth:0.3℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Rth:0.05℃/W
Rth:0.5℃/W
Rth:0.4℃/W
Rth:0.3℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Rth:0.05℃/W
0
60
40
20
80
120
100
100
110
120
125
100
90
90
110
120
125
0
40
20
80
60
120
100
B2;Two Pluse bridge connection
Ambient Temperature(℃) Ambient Temperature(℃)
B6;Six pulse bridge connection
W3;Three phase
bidiretional connection
Id(Aav.)
Id(Aav.)
Id(Ar.m.s.)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com