Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT804TP Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI49FCT804TP
Description  Fast CMOS Buffer/Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT804TP Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI49FCT804TP Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT804TP Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT804TP Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT804TP Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT804TP Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT804TP Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS7005B
06/26/01
s
t
u
p
n
Is
t
u
p
t
u
O
E
O A E
O
,
B
N
I A N
I
,
B
A
O N B
O
,
N
LLL
LH
H
HL
Z
HH
Z
Fast CMOS
Buffer/Clock Driver
ProductDescription
Pericom Semiconductor’s PI49FCT series of logic circuits are
produced using the Company’s advanced 0.8 micron CMOS
technology, achieving industry leading speed grades.
ThePI49FCT804Tisanon-invertingclockdriverdesignedwithtwo
independent groups of buffers. These buffers have Hi-Z state
Output Enable inputs (active LOW) with a 1-in, 4-out configuration
per group. Each clock driver consists of two banks of drivers,
driving four outputs each from a standard TTL compatible CMOS
input.
ProductFeatures
• Low output skew: 0.8ns
• Clock busing with Hi-Z state control
• TTL input and output levels, reducing problematic
“ground bounce”
• High output drive, IOL = 64mA
• Extremely low static power (1mW, typ.)
• Hysteresis on all inputs
• Packagesavailable:
– 16-pin300milwideplasticSOIC(S)
– 16-pin150milwideQSOP(Q)
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT804T
Logic Block Diagram
OEB
INA
OA3-OA0
INB
OEA
OB3-OB0
4
4
ProductPinDescription
ProductPinConfiguration
TruthTable(1)
Note:
1. H = High Voltage Level
L = Low Voltage Level
Z = High Impedance
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OA0
OA1
OA2
GND
OA3
GND
OEA
INA
VCC
OB0
OB1
OB2
GND
OB3
OEB
INB
16-Pin
P, S
e
m
a
N
n
i
Pn
o
it
p
i
r
c
s
e
D
E
O A E
O
,
B
)
W
O
L
e
v
it
c
A
(
st
u
p
n
I
el
b
a
n
E
t
u
p
t
u
O
e
t
a
t
S
Z
-i
H
N
I A N
I
,
B
st
u
p
n
I
k
c
o
l
C
A
O N B
O
,
N
st
u
p
t
u
O
k
c
o
l
C
D
N
Gd
n
u
o
r
G
V C
C
r
e
w
o
P


Similar Part No. - PI49FCT804TP

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT805ATH PERICOM-PI49FCT805ATH Datasheet
421Kb / 8P
Fast CMOS Buffer/Clock Driver
PI49FCT805ATQ PERICOM-PI49FCT805ATQ Datasheet
421Kb / 8P
Fast CMOS Buffer/Clock Driver
PI49FCT805ATS PERICOM-PI49FCT805ATS Datasheet
421Kb / 8P
Fast CMOS Buffer/Clock Driver
PI49FCT805BTH PERICOM-PI49FCT805BTH Datasheet
421Kb / 8P
Fast CMOS Buffer/Clock Driver
PI49FCT805BTQ PERICOM-PI49FCT805BTQ Datasheet
421Kb / 8P
Fast CMOS Buffer/Clock Driver
More results

Similar Description - PI49FCT804TP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805 Datasheet
126Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT74FCT810BT IDT-IDT74FCT810BT Datasheet
107Kb / 6P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805CT IDT-IDT49FCT805CT Datasheet
71Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806 IDT-IDT49FCT806_09 Datasheet
74Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805APY IDT-IDT49FCT3805APY Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
74FCT810T RENESAS-74FCT810T Datasheet
224Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT805BT RENESAS-IDT49FCT805BT Datasheet
243Kb / 8P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com