Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT804ATP Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI49FCT804ATP
Description  Fast CMOS Buffer/Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT804ATP Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI49FCT804ATP Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT804ATP Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT804ATP Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT804ATP Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT804ATP Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT804ATP Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PS7005B
06/26/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT804T
Buffer/ClockDriver
PI49FCT804TSwitchingCharacteristicsoverOperatingRange
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. Skew measured at worse cast temperature (max. temp).
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
)
1
(
T
4
0
8T
A
4
0
8
s
ti
n
U
.
m
o
C.
m
o
C
.
n
i
M.
x
a
M.
n
i
M.
x
a
M
t H
L
P
t L
H
P
y
al
e
D
n
o
it
a
g
a
p
o
r
P
N
I A
A
O
o
t
N
E
O
,
B
B
O
o
t
N
F
p
0
5
=
L
C
0
0
5
=
L
R
Ω
5
.
15
.
65
.
18
.
5
s
n
t H
Z
P
t L
Z
P
e
m
i
T
el
b
a
n
E
t
u
p
t
u
O
E
O A
A
O
o
t
N
E
O
,
B
B
O
o
t
N
5
.
10
.
85
.
10
.
8
t Z
H
P
t Z
L
P
e
m
i
T
el
b
a
si
D
t
u
p
t
u
O
E
O A
A
O
o
t
N
E
O
,
B
B
O
o
t
N
5
.
10
.
75
.
10
.
7
t
)
O
(
W
E
K
S
)
3
(
e
g
a
k
c
a
p
e
m
a
s
f
o
st
u
p
t
u
o
o
w
t
n
e
e
w
t
e
b
w
e
k
S
)
n
o
it
i
s
n
a
rt
e
m
a
s
(
—8
.
0—7
.
0
t
)
p
(
W
E
K
S
)
3
(
t(
s
n
o
it
i
s
n
a
rt
e
ti
s
o
p
p
o
n
e
e
w
t
e
b
w
e
k
S
L
H
P
t
- H
L
P
f
o
)
e
g
a
k
c
a
p
e
m
a
s
e
h
t
—0
.
1—
8
.
0
t
)t
(
W
E
K
S
)
3
(
s
e
g
a
k
c
a
p
t
n
e
r
e
ff
i
d
f
o
st
u
p
t
u
o
o
w
t
n
e
e
w
t
e
b
w
e
k
S
)
n
o
it
i
s
n
a
rt
e
m
a
s
(
e
r
u
t
a
r
e
p
m
e
t
e
m
a
s
t
a
—6
.
1—
4
.
1
Test
Switch
Open Drain
Disable LOW
Closed
Enable LOW
All Other Inputs
Open
Definitions:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the
Pulse Generator.
SwitchPosition
TestsCircuitsForAllOutputs(1)
Pulse
Generator
D.U.T.
VIN
RT
VOUT
CL
500
Ω
500
Ω
50pF
VCC
7.0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com