Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASIPT3642 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASIPT3642
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASIPT3642 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASIPT3642 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 200 mA
40
V
BVCEX
IC = 200 mA
VBE = -1.5 V
65
V
BVCBO
IC = 500
µA
65
V
ICEO
VCE = 30 V
250
µµµµA
IEBO
VEB = 4.0 V
250
µµµµA
hFE
VCE = 5.0 V
IC = 1.0 A
5.0
---
Cob
VCB = 30 V
f = 1.0 MHz
20
pF
ft
VCE = 28 V
IC = 150 mA
f = 100 MHz
400
MHz
Pout
GP
ηηηη
C
VCE = 28 V
f = 175 MHz
13.5
5.8
70
W
dB
%
NPN SILICON RF POWER TRANSISTOR
PT3642
DESCRIPTION:
The
ASI PT3642 is Designed for
Class A,B,C Amplifier, Oscillator and
Driver Applications Covering 130 to
400MHz.
FEATURES INCLUDE:
• Emitter Ballasted
• Common Emitter Package
MAXIMUM RATINGS
IC
3.0 A
VCE
40 V
PDISS
23 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +200 °C
θθθθ
JC
7.6 °C/W
PACKAGE STYLE TO- 60
1 = EMITTER
2 = BASE
3 = COLLECTOR
CASE = EMITTER


Similar Part No. - ASIPT3642

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASIPT9700 ASI-ASIPT9700 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASIPT9701 ASI-ASIPT9701 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIPT9704 ASI-ASIPT9704 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIPT9733 ASI-ASIPT9733 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
More results

Similar Description - ASIPT3642

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com