Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA431S Datasheet(PDF) 3 Page - ON Semiconductor

Part # KA431S
Description  Programmable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA431S Datasheet(HTML) 3 Page - ON Semiconductor

  KA431S Datasheet HTML 1Page - ON Semiconductor KA431S Datasheet HTML 2Page - ON Semiconductor KA431S Datasheet HTML 3Page - ON Semiconductor KA431S Datasheet HTML 4Page - ON Semiconductor KA431S Datasheet HTML 5Page - ON Semiconductor KA431S Datasheet HTML 6Page - ON Semiconductor KA431S Datasheet HTML 7Page - ON Semiconductor KA431S Datasheet HTML 8Page - ON Semiconductor KA431S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA431S / KA431SA / KA431SL Rev. 6.7
2
Block Diagram
Figure 1. Block Diagram
Marking Information
Figure 2. Top Mark (per package)
2.5 Vref
CATHODE
ANODE
REFERENCE
ANODE(A)
REFERENCE (R)
CATHODE (K)
+
-
43A
43B
43C
2% tolerance
1% tolerance
0.5% tolerance
MF-
MF2-
43A
43C
2% tolerance
1% tolerance
0.5% tolerance
43D
43E
43F



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com