Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA431SL Datasheet(PDF) 4 Page - ON Semiconductor

Part # KA431SL
Description  Programmable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA431SL Datasheet(HTML) 4 Page - ON Semiconductor

  KA431SL Datasheet HTML 1Page - ON Semiconductor KA431SL Datasheet HTML 2Page - ON Semiconductor KA431SL Datasheet HTML 3Page - ON Semiconductor KA431SL Datasheet HTML 4Page - ON Semiconductor KA431SL Datasheet HTML 5Page - ON Semiconductor KA431SL Datasheet HTML 6Page - ON Semiconductor KA431SL Datasheet HTML 7Page - ON Semiconductor KA431SL Datasheet HTML 8Page - ON Semiconductor KA431SL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA431S / KA431SA / KA431SL Rev. 6.7
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Notes:
1. Thermal resistance test board
Size: 1.6mm x 76.2mm x 114.3mm (1S0P)
JEDEC Standard: JESD51-3, JESD51-7.
2. Assume no ambient airflow.
3. TJMAX = 150
°C; Ratings apply to ambient temperature at 25°C.
4. Power dissipation calculation: PD = (TJ - TA) / RθJA.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Value
Unit
VKA
Cathode Voltage
37
V
IKA
Cathode Current Range (Continuous)
-100 ~ +150
mA
IREF
Reference Input Current Range
-0.05 ~ +10
mA
RθJA
Thermal Resistance Junction-Air(1,2)
MF Suffix Package
350
°C/W
PD
Power Dissipation(3,4)
MF Suffix Package
350
mW
TJ
Junction Temperature
150
°C
TOPR
Operating Temperature Range
-25 ~ +85
°C
TSTG
Storage Temperature Range
-65 ~ +150
°C
Symbol
Parameter
Min.
Max.
Unit
VKA
Cathode Voltage
VREF
36
V
IKA
Cathode Current
1
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com