Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA431SAMF2TF Datasheet(PDF) 5 Page - ON Semiconductor

Part # KA431SAMF2TF
Description  Programmable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA431SAMF2TF Datasheet(HTML) 5 Page - ON Semiconductor

  KA431SAMF2TF Datasheet HTML 1Page - ON Semiconductor KA431SAMF2TF Datasheet HTML 2Page - ON Semiconductor KA431SAMF2TF Datasheet HTML 3Page - ON Semiconductor KA431SAMF2TF Datasheet HTML 4Page - ON Semiconductor KA431SAMF2TF Datasheet HTML 5Page - ON Semiconductor KA431SAMF2TF Datasheet HTML 6Page - ON Semiconductor KA431SAMF2TF Datasheet HTML 7Page - ON Semiconductor KA431SAMF2TF Datasheet HTML 8Page - ON Semiconductor KA431SAMF2TF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA431S / KA431SA / KA431SL Rev. 6.7
4
Electrical Characteristics(5)
Values are at TA = 25°C unless otherwise noted.
Note:
5. TMIN = -25°C, TMAX = +85°C
Symbol
Parameter
Conditions
KA431S
KA431SA
KA431SL
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
VREF
Reference Input
Voltage
VKA = VREF,
IKA = 10 mA
2.450 2.500 2.550 2.470 2.495 2.520 2.482 2.495 2.508
V
ΔVREF/ΔT
Deviation of
Reference
Input Voltage
Over-
Temperature
VKA = VREF,
IKA = 10 mA,
TMIN ≤ TA ≤ TMAX
4.5
17.0
4.5
17.0
4.5
17.0
mV
ΔVREF/ΔVKA
Ratio of Change in
Reference Input
Voltage
to the Change in
Cathode Voltage
IKA =
10 mA
ΔVKA =
10 V - VREF
-1.0
-2.7
-1.0
-2.7
-1.0
-2.7
mV/V
ΔVKA =
36 V - 10 V
-0.5
-2.0
-0.5
-2.0
-0.5
-2.0
IREF
Reference Input
Current
IKA = 10 mA,
R1 = 10 kΩ, R2 = ∞
1.5
4.0
1.5
4.0
1.5
4.0
µA
ΔIREF/ΔT
Deviation of
Reference
Input Current
Over Full
Temperature
Range
IKA = 10 mA,
R1 = 10 kΩ, R2 = ∞
TA = Full Range
0.4
1.2
0.4
1.2
0.4
1.2
µA
IKA(MIN)
Minimum Cathode
Current for
Regulation
VKA = VREF
0.45
1.00
0.45
1.00
0.45
1.00
mA
IKA(OFF)
Off - Stage
Cathode
Current
VKA = 36 V,
VREF = 0
0.05
1.00
0.05
1.00
0.05
1.00
µA
ZKA
Dynamic
Impedance
VKA = VREF,
IKA = 1 to 100 mA,
f ≥ 1.0 kHz
0.15
0.50
0.15
0.50
0.15
0.50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com