Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA431SLMF2TF Datasheet(PDF) 2 Page - ON Semiconductor

Part # KA431SLMF2TF
Description  Programmable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA431SLMF2TF Datasheet(HTML) 2 Page - ON Semiconductor

  KA431SLMF2TF Datasheet HTML 1Page - ON Semiconductor KA431SLMF2TF Datasheet HTML 2Page - ON Semiconductor KA431SLMF2TF Datasheet HTML 3Page - ON Semiconductor KA431SLMF2TF Datasheet HTML 4Page - ON Semiconductor KA431SLMF2TF Datasheet HTML 5Page - ON Semiconductor KA431SLMF2TF Datasheet HTML 6Page - ON Semiconductor KA431SLMF2TF Datasheet HTML 7Page - ON Semiconductor KA431SLMF2TF Datasheet HTML 8Page - ON Semiconductor KA431SLMF2TF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA431S / KA431SA / KA431SL Rev. 6.7
March 2015
KA431S / KA431SA / KA431SL
Programmable Shunt Regulator
Features
• Programmable Output Voltage to 36 V
• Low Dynamic Output Impedance 0.2 Ω (Typical)
• Sink Current Capability: 1.0 to 100 mA
• Equivalent Full-Range Temperature Coefficient of
50 ppm/°C (Typical)
• Temperature Compensated for Operation Over
Full Rated Operating Temperature Range
• Low Output Noise Voltage
• Fast Turn-on Response
Ordering Information
Part Number
Operating
Temperature
Range
Output Voltage
Tolerance
Top Mark
Package
Packing Method
KA431SMFTF
-25 to +85°C
2%
43A
SOT-23F 3L
Tape and Reel
KA431SMF2TF
43D
KA431SAMFTF
1%
43B
KA431SAMF2TF
43E
KA431SLMFTF
0.5%
43C
KA431SLMF2TF
43F
Description
The KA431S / KA431SA / KA431SL are three-terminal
adjustable regulator series with a guaranteed thermal
stability over the operating temperature range. The out-
put voltage can be set to any value between VREF
(approximately 2.5 V) and 36 V with two external resis-
tors. These devices have a typical dynamic output
impedance of
0.2 Ω. Active output circuitry provides a
sharp turn-on characteristic, making these devices
excellent replacement for zener diodes in many applica-
tions.
SOT-23F
1
2
3
MF- 1.Cathode 2. Ref 3. Anode
MF2- 1. Ref 2. Cathode 3. Anode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com