Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM431BCZX Datasheet(PDF) 7 Page - ON Semiconductor

Part # LM431BCZX
Description  Programmable Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM431BCZX Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LM431BCZX Datasheet HTML 3Page - ON Semiconductor LM431BCZX Datasheet HTML 4Page - ON Semiconductor LM431BCZX Datasheet HTML 5Page - ON Semiconductor LM431BCZX Datasheet HTML 6Page - ON Semiconductor LM431BCZX Datasheet HTML 7Page - ON Semiconductor LM431BCZX Datasheet HTML 8Page - ON Semiconductor LM431BCZX Datasheet HTML 9Page - ON Semiconductor LM431BCZX Datasheet HTML 10Page - ON Semiconductor LM431BCZX Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM431A / LM431B / LM431C Rev. 1.2.0
6
Typical Performance Characteristics (Continued)
Figure11. Stability Boundary Conditions
100p
1n
10n
100n
1?
10?
0
20
40
60
80
100
120
140
D
C
B
A
A V
KA = Vref
B V
KA = 5.0 V @ IK = 10mA
C V
KA = 10 V @ IK = 10mA
D V
KA = 15 V @ IK = 10mA
T
A = 25
oC
C
L, LOAD CAPACITANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com