Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-R6C-001A Datasheet(PDF) 1 Page - Texas Instruments

Part # RI-R6C-001A
Description  HF Reader System Series 6000 S6700 Multi-Protocol Transceiver IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-R6C-001A Datasheet(HTML) 1 Page - Texas Instruments

  RI-R6C-001A Datasheet HTML 1Page - Texas Instruments RI-R6C-001A Datasheet HTML 2Page - Texas Instruments RI-R6C-001A Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R AD IO F REQ U E N CY I DE N T IFIC AT I O N S YS TE MS
Texas Instruments reserves the right to change its products and services at any time without notice. TI provides customer assistance in various
technical areas, but does not have full access to data concerning the uses and applications of customers products. Therefore, TI assumes no
responsibility for customer product design or for infringement of patents and/or the rights of third parties, which may result from assistance
provided by TI.
© Copyright 2002 Texas Instruments Incorporated.
11-07-22-001 09/02
SCBS856
HF Reader System Series 6000
S6700 Multi-Protocol Transceiver IC
The S6700 Multi Protocol Transceiver IC enables a broad range of 13.56MHz
RFID interrogator designs for portable and stationary readers. This low power
consumption device supports multiple RF communication protocols, minimizes
onboard power requirements and reduces parts count in a final reader product.
Part number
RI-R6C-001A
Operating Frequency
13.56MHz
Supported RF Communication Protocols
-
Tag-it HF
-
ISO 15693-2 (e.g. Tag-it HF-I)
-
ISO 14443-2 (Type A)
-
Transparent (directly switched according to input pin)
Operating Voltage
3.3V - 5V DC
± 10%
Current Consumption
Transmit:
< 200 mA
Stand-by: - Oscillator on < 15 mA
- Oscillator off < 50 µA
Transmitter power
200mW at 5V DC operating voltage
Transmitter modulation
ASK, 10% to 100% selectable through external components
Antenna Impedance
50 Ohm at 13.56MHz
Receive channels
ASK 423.75kHz, ASK 847kHz, FSK 423.75kHz/484.29kHz selectable
Communication Interface
Serial interface, CMOS compatible
Operating Temperature
-40
°C to +85°C
Storage Temperature
-55
°C to +125°C
Package / Pincount
SSOP 20
Packing / Delivery
Tape-on-Reel, 1500 units per reel
Recommended application schematic
Pin description
L3
µC
ANTENNA
C6
C5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VDD_TX
TX_OUT
R_MOD
VSS_TX
XTAL1
XTAL2
VSS_DIG
XTAL_CLK
DOUT
VDD_DIG
DIN
M_ERR
SCLOCK
VDD_RX
VSS_RX
RX_IN
VCC
VCC
C2
R1
XTAL 13.56 MHz
VCC
L4
C10
C8
L2
COAX
R2
C4
C3
C 7
L1
C1
C9
C1
47pF
C2
10pF
C3
10nF
C4
47pF
C5
10µF Tantalum
C6
100nF
C7
22pF
C8
100nF
C9
22pF
C10
100nF
L1
2.7µH (Q-60)
L2
2.7µH (Q-60)
L3
5.6µH (Q-60)
L4
3.3µH (Q-60)
R1
2.2k
Ω
R2
18
Ω
Pin
Symbol
Description
1
VDD_TX
Transmitter power supply
2
TX_OUT
Output transistor drain connection
3
R_MOD
External resistor to set 10% modulation depth mode
4
VSS_TC
Transmitter section ground
5
XTAL1
Pin 1 of Xtal resonator
6
XTAL2
Pin 2 of Xtal resonator, external clock input
7
VSS_DIG
Digital section ground
8
XTAL_CLK
Buffered output of Xtal oscillator
9
Not used
Grounded for normal operation
10
Not used
Grounded for normal operation
11
DOUT
Data output for serial link
12
VDD_DIG
Digital section power supply
13
DIN
Data input for serial link
14
M_ERR
Manchester Protocol error flag
15
SCLOCK
Serial link clock
16
Not used
Leave open for normal operation
17
VDD_RX
Receiver section power supply
18
Not used
Leave open for normal operation
19
VSS_RX
Receiver section ground
20
RX_IN
Receiver input
For more information, contact the sales office or distributor nearest you. This contact information can be found
on our web site at:
http://www.ti-rfid.com


Similar Part No. - RI-R6C-001A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-R6C-001A-03 TI-RI-R6C-001A-03 Datasheet
91Kb / 3P
Multi-Protocol Transceiver IC
More results

Similar Description - RI-R6C-001A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-STU-650A TI-RI-STU-650A Datasheet
184Kb / 1P
HF Reader System Series 6000 S6500 Long Range Reader Module
RI-STU-655A TI-RI-STU-655A Datasheet
173Kb / 1P
HF Reader System Series 6000 S6550 Long Range Reader (Housed)
RI-STU-TRDC-02 TI-RI-STU-TRDC-02 Datasheet
50Kb / 1P
HF Reader System Series 6000 S6350 Midrange Reader Module
logo
NXP Semiconductors
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
Multiple Protocol Contactless Reader IC
May 2003
logo
Texas Instruments
S6700 TI-S6700 Datasheet
91Kb / 3P
Multi-Protocol Transceiver IC
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
logo
ams AG
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
NFC Initiator / HF Reader IC
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
NFC Initiator / HF Reader IC
logo
NXP Semiconductors
CLRC632 NXP-CLRC632 Datasheet
713Kb / 127P
Standard multi-protocol reader solution
Rev. 3.7-27 February 2014
logo
ams AG
AS3911 AMSCO-AS3911_V01 Datasheet
2Mb / 159P
NFC Initiator / HF Reader IC
2016-Jun-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com