Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF-500COV-RCT-2 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # CF-500COV-RCT-2
Description  Protective cover for crimping machine CF 500, for tube lugs 0.34 - 2.5 mm짼 (RCT 2.5)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

CF-500COV-RCT-2 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  CF-500COV-RCT-2 Datasheet HTML 1Page - PHOENIX CONTACT CF-500COV-RCT-2 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1212253
2/27/14   Page 1 / 2
Covering hood - CF 500/COV RCT 2,5 - 1212253
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Protective cover for crimping machine CF 500, for tube lugs 0.34 - 2.5 mm² (RCT 2.5)
Key commercial data
Packing unit
1 pc
Custom tariff number
84799080
Country of origin
Germany
Technical data
General
Color
transparent
Classifications
eCl@ss
eCl@ss 4.0
21043074
eCl@ss 4.1
21043074
eCl@ss 5.0
21043290
eCl@ss 5.1
21059090
eCl@ss 6.0
17130101
eCl@ss 7.0
17130101
eCl@ss 8.0
17130101
ETIM
ETIM 3.0
EC001186
ETIM 4.0
EC002498
ETIM 5.0
EC002498
UNSPSC
UNSPSC 6.01
30211811


Similar Part No. - CF-500COV-RCT-2

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CF-500COV-RC-10 PHOENIX-CF-500COV-RC-10 Datasheet
42Kb / 2P
Protective cover for crimping machine CF 500, for uninsulated cable lugs 0.5 - 10 mm짼 (RC 10) and tubing lugs 4 - 10 mm짼 (RCT 10-...)
CF-500COV-RCI PHOENIX-CF-500COV-RCI Datasheet
53Kb / 2P
Protective cover for crimping machine CF 500, for insulated cable lugs 0.14 - 6 mm짼 (RCI 1.5/6) and turned contacts 0.14 - 4 mm짼 (TC 4)
More results

Similar Description - CF-500COV-RCT-2

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CRIMPFOX-LC-UR-2 PHOENIX-CRIMPFOX-LC-UR-2 Datasheet
51Kb / 2P
Crimp insert for tube lugs, 0.75 - 2.5 mm짼
CF-3000-AB-2 PHOENIX-CF-3000-AB-2 Datasheet
44Kb / 2P
Adjustable spare stripping knife, 2.5 mm짼, for crimping machine CF 3000
CF-500COV PHOENIX-CF-500COV Datasheet
47Kb / 2P
Protective cover for crimping machine CF, without recess (for all dies without classification)
CF-500COV-AI-6 PHOENIX-CF-500COV-AI-6 Datasheet
43Kb / 2P
Protective cover for crimping machine CF 500, for ferrules 0.25 - 6 mm짼 (AI 6...)
CF-500COV-AI-TWIN PHOENIX-CF-500COV-AI-TWIN Datasheet
42Kb / 2P
Protective cover for crimping machine CF 500, for TWIN ferrules 2 x 4 - 2 x 10 mm짼 (AI?멦WIN...)
CF-500COV-RC-10 PHOENIX-CF-500COV-RC-10 Datasheet
42Kb / 2P
Protective cover for crimping machine CF 500, for uninsulated cable lugs 0.5 - 10 mm짼 (RC 10) and tubing lugs 4 - 10 mm짼 (RCT 10-...)
CF-500COV-RCI PHOENIX-CF-500COV-RCI Datasheet
53Kb / 2P
Protective cover for crimping machine CF 500, for insulated cable lugs 0.14 - 6 mm짼 (RCI 1.5/6) and turned contacts 0.14 - 4 mm짼 (TC 4)
CF-500DIE-RC-10 PHOENIX-CF-500DIE-RC-10 Datasheet
44Kb / 2P
Die for crimping machine CF 500, for cable lugs (C-RC... and C-FC...) 0.5 - 10 mm짼
CF-500DIE-RC-16 PHOENIX-CF-500DIE-RC-16 Datasheet
44Kb / 2P
Die for crimping machine CF 500, for uninsulated cable lugs (C-RC... and C-FC...) 16 mm짼
CF-500LOC-SCF-4 PHOENIX-CF-500LOC-SCF-4 Datasheet
43Kb / 2P
Sleeve receiver for CF 500 crimping machine, for slip-on sleeves (SCF 4,8...), 0.5 - 2.5 mm짼, width: 4.8 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com