Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSHB21HS-R08410 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SSHB21HS-R08410
Description  KEMET, SSHB21HS, Commercial Grade, 0.041 H
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SSHB21HS-R08410 Datasheet(HTML) 1 Page - Kemet Corporation

  SSHB21HS-R08410 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SSHB21HS-R08410
KEMET, SSHB21HS, Commercial Grade, 0.041 H
Dimensions
L
26mm MAX
T
23mm MAX
H
15.5mm MAX
S
15mm +/-0.5mm
S1
21mm NOM
LL
3.5mm +/-0.5mm
F
0.8mm NOM
Packaging Specifications
Weight: 14 g
Packaging: Bulk
General Information
Series: SSHB21HS
Style: Through-Hole Choke
Description:
Common Mode Filter, SS Coils,
SSHB21HS, Wide Range
Impedance Type
RoHS: Yes
Miscellaneous: Temperature Rise Maximum: 55
K
Notes: Marking: R08 Lot No.
Specifications
Inductance: 41 mH (10 kHz)
Temperature Range: -25/+120C
Rated Temperature: 120C
Current: 0.8 Amps
Voltage AC: 250 VAC
Withstanding Voltage: 2400 VDC
Insulation Resistance: 100 MOhms
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 4/11/2018 - 09c10bd4-d1b9-40b7-8c61-78a29c982b6f


Similar Part No. - SSHB21HS-R08410

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB21HS-R031350 KEMET-SSHB21HS-R031350 Datasheet
103Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.135 H
SSHB21HS-R041050 KEMET-SSHB21HS-R041050 Datasheet
103Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.105 H
SSHB21HS-R05910 KEMET-SSHB21HS-R05910 Datasheet
112Kb / 1P
KEMET, SSHB21HS, AC Line Filters, Dual Mode, 0.091 H
SSHB21HS-R06780 KEMET-SSHB21HS-R06780 Datasheet
103Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.078 H
SSHB21HS-R07550 KEMET-SSHB21HS-R07550 Datasheet
103Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.055 H
More results

Similar Description - SSHB21HS-R08410

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB21HS-04507 KEMET-SSHB21HS-04507 Datasheet
103Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.0507 H
SSHB21HS-R06780 KEMET-SSHB21HS-R06780 Datasheet
103Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.078 H
SSHB21HS-R07550 KEMET-SSHB21HS-R07550 Datasheet
103Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.055 H
SSHB21HS-R041050 KEMET-SSHB21HS-R041050 Datasheet
103Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.105 H
SSHB21HS-03656 KEMET-SSHB21HS-03656 Datasheet
103Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.0656 H
SSHB21HS-05440 KEMET-SSHB21HS-05440 Datasheet
103Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.044 H
SSHB21HS-06378 KEMET-SSHB21HS-06378 Datasheet
103Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.0378 H
SSHB21HS-07267 KEMET-SSHB21HS-07267 Datasheet
103Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.0267 H
SSHB21HS-R10300 KEMET-SSHB21HS-R10300 Datasheet
102Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.03 H
SSHB21HS-R12220 KEMET-SSHB21HS-R12220 Datasheet
102Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 0.022 H
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com