Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C752BIBS Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SC68C752BIBS
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C752BIBS Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SC68C752BIBS Datasheet HTML 35Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 36Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 37Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 38Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 39Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 40Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 41Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 42Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
SC68C752B_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 29 November 2005
39 of 49
Philips Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Fig 18. Receive timing
D0
D1
D2
D3
D4
D5
D6
D7
active
active
16 baud rate clock
002aab090
td11
next
data
Start
bit
Stop
bit
parity
bit
Start
bit
td10
RXA, RXB
IRQ
CS (read)
data bits (0 to 7)
5 data bits
6 data bits
7 data bits
Fig 19. Receive ready timing in non-FIFO mode
D0
D1
D2
D3
D4
D5
D6
D7
002aab091
next
data
Start
bit
Stop
bit
parity
bit
td15
RXA, RXB
RXRDYA,
RXRDYB
CS (read)
active data
ready
Start
bit
data bits (0 to 7)
active
td16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com