Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KT2016 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KT2016
Description  Temperature Compensated Crystal Oscillators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KT2016 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KT2016 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.0×1.6mm
RoHS Compliant
Features
• Miniature SMD type
(2.0×1.6×0.8mm)
• Freq. temp. characteristics.
: ±2.0×10
−6/ −30 to +85°C
: ±0.5×10
−6/ −30 to +85°C (for GPS)
• 1.68 to 3.63V available
• Relow compatible
• Operating Temp. −40 to +105°C (Option)
• Ultra low supply current 800 A typ.
Conditions of 26MHz and 1.0Vp-p
(Option)
• Disable Function (Option)
• AEC-Q200 quali ed
• AEC-Q100 quali ed (Option)
Applications
• Mobile Communications, W-LAN
• Low power radio communications
• GPS Unit
How to Order
KT2016K 26000
□ □ □ □□ □ xx
② ③ ④ ⑤⑥⑦⑧
① Series
② Output Frequency
③ Freq. Temp. Chrst.
A
±0.5×10
−6
B
±1.0×10
−6
C
±1.5×10
−6
D
±2.0×10
−6
④ Lower Operating Temp.
C
−30°C
E
−20°C
G
−10°C
⑤ Upper Operating Temp.
W
+85°C
V
+80°C
U
+75°C
⑥ Supply Voltage
18 1.8V 28 2.8V
30 3.0V 33 3.3V
⑦ Voltage Control Function
T
TCXO
Spec. Code*
VCTCXO
*Please contact us for Spec. Code.
⑧ Individual Speci cation
  Packaging (Tape & Reel 15000 pcs./ reel)
Recommended Land Pattern
(Unit: mm)
Note: A capacitor of value 0.01 F between Vcc
and GND is recommended.
0.6
0.6
1.2
Test Circuit
Test circuit 1
TCXO
Spectrum Analyzer &
Counter, Oscilloscope
A
V
12
43
TCXO
CL
Co
RL 10k
10% CL 10pF 10%
CL include Probe Capacitance
Co: DC Cut Capacitance
POWER
SUPPLY
Vcc
FET
PROBE
Test circuit 2
VCTCXO
Spectrum Analyzer &
Counter, Oscilloscope
A
V
12
43
TCXO
CL
Co
POWER
SUPPLY
Vcc
FET
PROBE
Vcon
RL
RL
Dimensions
(Unit: mm)
2.0 0.2
0.24
0.4
0.4
1.20
#1
#2
#4
#3
#4
#3
#1
#2
Pin Conguration
#1pin GND/ Vcon
#2pin GND
#3pin OUTPUT
#4pin Vcc
Specifications
Item
Symbol
Conditions
Min.
Max.
Units
Output Frequency Range
fo
10
60
MHz
Frequency Tolerance
f_tol
vs Temperature
−0.5/ −2
+0.5/ +2
×10
−6
vs Load
−0.2
+0.2
vs Voltage
−0.2
+0.2
Frequency Aging
f_age
Per Year
−1
+1
×10
−6
Storage Temperature Range
T_stg
−40
+85
°C
Operating Temperature Range
T_use
−30
+85
°C
Voltage Control Range
f_cont
Positive
±8
±15
×10
−6
Supply Voltage
VCC
1.68
3.63
V
Output Level
Vpp
Clipped Sine*, Load: 10k ohm / / 10pF
0.8
Vp-p
Current Consumption
ICC
—2
mA
Harmonics
−5
dBc
* : A DC-cut capacitor is not embedded in this crystal oscillator. Connect a DC-cut capacitor (≥1nF) to the line-out terminal of the oscillator.
* Please contact us for other specifications.
Temperature Compensated Crystal Oscillators (TCXO, VCTCXO)
Surface Mount Type TCXO (LSI Type) KT2016 Series
As of March 2018


Similar Part No. - KT2016

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KT2016 KSS-KT2016 Datasheet
215Kb / 1P
2.0횞1.6mm
More results

Similar Description - KT2016

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
Temperature compensated crystal oscillators
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
Temperature Compensated Crystal Oscillators
6825 VECTRON-6825 Datasheet
457Kb / 4P
Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
Temperature Compensated Crystal Oscillators
KT5032 KSS-KT5032_18 Datasheet
69Kb / 1P
Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
Temperature Compensated Crystal Oscillators
TX100 RALTRON-TX100 Datasheet
68Kb / 3P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com