Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5LP02M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 5LP02M
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

5LP02M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  5LP02M Datasheet HTML 1Page - Sanyo Semicon Device 5LP02M Datasheet HTML 2Page - Sanyo Semicon Device 5LP02M Datasheet HTML 3Page - Sanyo Semicon Device 5LP02M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.6126-3/4
5LP02M
0
0
--1
--2
0.5
--3
--4
--5
--6
--7
1.0
--8
--9
1.5
--10
2.0
VGS -- Qg
VDS=--10V
ID=--140mA
--0.01
10
--0.1
23
5
7
2
100
7
5
3
2
7
5
3
2
1000
SW Time -- ID
VDD=--25V
VGS=--4V
0
1.0
--5
10
7
5
3
2
7
5
3
2
--10
--15
100
--20
--25
Ciss, Coss, Crss -- VDS
f=1MHz
0
--0.01
--0.6
--0.8
--1.0
--1.2
--0.2
--0.4
--0.1
--1.0
7
5
3
2
7
5
3
2
--1.4
VGS=0
IF -- VSD
Ciss
Coss
Crss
td(on)
td(off)
tr
tf
IT00295
IT00296
IT00297
IT00298
--0.01
0.01
--0.1
23
5
7
23
5
7
0.1
1.0
7
5
3
2
7
5
3
2
--1.0
VDS=--10V
--60
0
--40
2
--20
4
0
6
8
20
10
40
60
12
80
100
120
140
160
RDS(on) -- Ta
ID
=--40mA,
VGS
=--2.5V
ID
=--70mA,
VGS
=--4.0V
75°C
25
°C
Ta=-
-25°
C
IT00293
IT00294
--0.01
1.0
--0.1
23
5
7
23
5
7
100
10
7
5
3
2
7
5
3
2
--1.0
RDS(on) -- ID
VGS=--2.5V
--0.001
1.0
--0.01
2
3
57
2
3
57
100
10
7
5
3
2
7
5
3
2
--0.1
RDS(on) -- ID
VGS=--1.5V
Ta=75
°C
25
°C
--25
°C
Ta=75
°C
25
°C
--25
°C
IT00291
IT00292
Drain Current, ID –A
Ambient Temperature, Ta – ˚C
Diode Forward Voltage, VSD –V
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Total Gate Charge, Qg – nC
Drain Current, ID –A
Drain Current, ID –A
yfs -- ID



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com