Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3684 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STG3684
Description  LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3684 Datasheet(HTML) 2 Page - STMicroelectronics

  STG3684 Datasheet HTML 1Page - STMicroelectronics STG3684 Datasheet HTML 2Page - STMicroelectronics STG3684 Datasheet HTML 3Page - STMicroelectronics STG3684 Datasheet HTML 4Page - STMicroelectronics STG3684 Datasheet HTML 5Page - STMicroelectronics STG3684 Datasheet HTML 6Page - STMicroelectronics STG3684 Datasheet HTML 7Page - STMicroelectronics STG3684 Datasheet HTML 8Page - STMicroelectronics STG3684 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STG3684
2/11
Figure 1: Input Equivalent Circuit
Table 1: Pin Description
Table 2: Truth Table
(*) High Impedance
Table 3: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
(1) Derate above 70°C: by 18.5mW/°C.
Table 4: Recommended Operating Conditions
1) Truth Table guaranteed: 1.2V to 4.3V.
QFN
PIN N°
SYMBOL
NAME AND
FUNCTION
1, 9
1IN, 2IN
Controls
2, 10
4, 12
1S1 to 2S1
1S2 to 2S2
Independent Chan-
nels
3, 11
D1, D2
Common Channels
5,7,8,13,15,16
NC
Not Connected
6
GND
Ground (0V)
14
VCC
Positive Supply
Voltage
IN
SWITCH S1
SWITCH S2
H
ON
OFF(*)
L
OFF(*)
ON
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to 4.6
V
VI
DC Input Voltage
-0.5 to VCC +0.5
V
VIC
DC Control Input Voltage
-0.5 to 4.6
V
VO
DC Output Voltage
-0.5 to VCC +0.5
V
IIKC
DC Input Diode Current on control pin (VIN <0V)
− 50
mA
IIK
DC Input Diode Current (VIN <0V)
± 50
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 300
mA
IOP
DC Output Current Peak (pulse at 1ms, 10% duty cycle)
± 500
mA
ICC or IGND DC VCC or Ground Current
± 100
mA
PD
Power Dissipation at Ta=70°C (1)
1120
mW
Tstg
Storage Temperature
-65 to 150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (note 1)
1.65 to 4.3
V
VI
Input Voltage
0 to VCC
V
VIC
Control Input Voltage
0to 4.3
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time Control Input
VCC= 1.65V to 2.7V
0to 20
ns/V
VCC= 3.0V to 4.3V
0to 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com