Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMBF306 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # TMBF306
Description  SINGLE PHASE3.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

TMBF306 Datasheet(HTML) 2 Page - Nanjing International Group Co

  TMBF306 Datasheet HTML 1Page - Nanjing International Group Co TMBF306 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 2 -
RATING AND CHARACTERISTIC CURVES ( TMBF302 THRU TMBF310 )
10.0
1.0
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1.2
1.0
TJ=25℃
Pulse Width=300μs
1% Duty Cycle
.8
.1
.6
.01
INSTANEOUS FORWARD VOLTAGE,(V)
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.1-TYPICAL FORWARD CURRENT DERATING
CURVE
150
100
50
8.3ms Single Half
Sine-Wave (JEDEC
Method)
AMBIENT,CASE TEMPERTURE,(℃)
0
0
Single Phase Half
Wave 60Hz
Resistive or
inductive Load
NUMBER OF CYCLES AT 60Hz
10
0
1
200
FIG.3-MAXIMUN NON-REPETITIVE FORWARD
SURGE CURRENT
100
1.4
TC
40
30
REVERCE VOLTAGE,(V)
10
20
10
0
1
FIG.5-TYPIAL JUNCTION CAPAOTANCE
100
TA
40
20
0
60
.1
1.0
120
140
100
80
100
10
TJ=125℃
TJ=100℃
TJ=25℃
3.0
1.5
30
60
90
120



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com